Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/56D Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M16C/56D
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/56D Datasheet(HTML) 5 Page - Renesas Technology Corp

  M16C/56D Datasheet HTML 1Page - Renesas Technology Corp M16C/56D Datasheet HTML 2Page - Renesas Technology Corp M16C/56D Datasheet HTML 3Page - Renesas Technology Corp M16C/56D Datasheet HTML 4Page - Renesas Technology Corp M16C/56D Datasheet HTML 5Page - Renesas Technology Corp M16C/56D Datasheet HTML 6Page - Renesas Technology Corp M16C/56D Datasheet HTML 7Page - Renesas Technology Corp M16C/56D Datasheet HTML 8Page - Renesas Technology Corp M16C/56D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 5 of 83
M16C/5LD Group, M16C/56D Group
1. Overview
Table 1.4
Specifications (64-pin Version) (2/2)
Item
Function
Specification
CRC Calculator
• 1 circuit
• CRC-CCITT (X16 + X12 + X5 + 1), CRC-16 (X16 + X15 + X2 + 1) compliant
• MSB/LSB selectable
Multi-master I2C-bus interface
1 channel
CAN Module
32-slot message buffer × 1 channel (M16C/5LD Group only)
Flash Memory
• Programming and erasure supply voltage: 2.7 to 5.5 V
• Programming and erasure endurance: 1,000 times (program ROM 1,
program ROM 2)/10,000 times (data flash)
• Program security: ROM code protect, ID code check
Debug Functions
On-board flash rewrite function, address match × 4
Operating Frequency/Power Supply
Voltage
32 MHz / 3.0 to 5.5 V
25 MHz / 2.7 to 5.5 V
Operating Temperature
-40°C to 85°C
Package
64-pin plastic mold LQFP: PLQP0064KB-A (Previous package code: 64P6Q-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com