Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9393/PCBZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9393/PCBZ
Description  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9393/PCBZ Datasheet HTML 23Page - Analog Devices AD9393/PCBZ Datasheet HTML 24Page - Analog Devices AD9393/PCBZ Datasheet HTML 25Page - Analog Devices AD9393/PCBZ Datasheet HTML 26Page - Analog Devices AD9393/PCBZ Datasheet HTML 27Page - Analog Devices AD9393/PCBZ Datasheet HTML 28Page - Analog Devices AD9393/PCBZ Datasheet HTML 29Page - Analog Devices AD9393/PCBZ Datasheet HTML 30Page - Analog Devices AD9393/PCBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
AD9393
Rev. 0 | Page 27 of 40
0x5B—Bit[3], HDMI Mode
0 = DVI, 1 = HDMI.
0x7B—Bits[7:0], CTS[19:12], 0x7C—Bits[7:0] CTS[11:4],
and 0x7D—Bits[7:4], CTS[3:0]
These bits are the most significant eight bits of a 20-bit word used
with the 20-bit N term in the regeneration of the audio clock.
0x7D—Bits[3:0], N[19:16], 0x7E—Bits[7:0], N[15:8], and
0x7F—Btis[7:0], N[7:0]
These are the most significant four bits of a 20-bit word used
with the 20-bit CTS term to regenerate the audio clock.
0x81—Bits[6:5], Y[1:0]
This register indicates whether data is RGB, 4:4:4, or 4:2:2.
Table 19.
Y
Video Data
00
RGB
01
YCrCb 4:2:2
10
YCrCb 4:4:4
0x81—Bit[4], Active Format Information Status
0 = no data. 1 = active format information valid.
0x84—Bits[6:0], Video Identification Code
See the CEA EDID short video descriptors in EIA/CEA-861B.
0x85—Bits[3:0], Pixel Repeat
This value indicates how many times the pixel was repeated,
for example, 0x0 = no repeats, sent once, 0x8 = eight repeats,
sent nine times.
0x86—Bits[7:0], Active Line Start LSB and 0x88—
Bits[7:0] Active Line Start MSB
These bits indicate the beginning line of active video. All
lines before this comprise a top horizontal bar. This is used
in letter box modes. If the 2-byte value is 0x00, there is no
horizontal bar.
0x87—Bits[6:0], New Data Flags (NDF)
This register indicates whether data in specific sections has
changed. In the address space from 0x80 to 0xFF, each register
address ending in 0b111 (for example, 0x87, 0x8F, 0x97, 0xAF)
is an NDF register. They all have the same data and all are reset
when any one of them is read. See Table 20.
Table 20.
NDF Bit Number
Changes Occurred
0
AVI infoframe
1
Audio infoframe
2
SPD infoframe
3
MPEG source infoframe
4
ACP packets
5
ISRC1 packets
6
ISRC2 packets
0x89—Bits[7:0], Active Line End LSB and 0x8A—
Bits[7:0], Active Line End MSB
These bits indicate the last line of active video. All lines past
this comprise a lower horizontal bar. This is used in letter-box
modes. If the 2-byte value is greater than the number of lines in
the display, there is no lower horizontal bar.
0x8B—Bits[7:0], Active Pixel Start LSB and 0x8C—
Bits[7:0], Active Pixel Start MSB
These bits indicate the first pixel in the display, which is active
video. All pixels before this comprise a left vertical bar. If the
2-byte value is 0x00, there is no left bar.
0x8D—Bits[7:0], Active Pixel End LSB and 0x8E—
Bits[7:0], Active Pixel End MSB
These bits indicate the last active video pixel in the display. All
pixels past this comprise a right vertical bar. If the 2-byte value
is greater than the number of pixels in the display, there is no
vertical bar.
0x8F—Bits[6:0], New Data Flags
See the 0x87—Bits[6:0], New Data Flags (NDF) section.
0x91—Bits[7:4], Audio Coding Type
These bits identify the audio coding so that the receiver may
process audio properly. See Table 21.
Table 21.
CT[3:0]
Audio Coding
0x0
Refer to stream header
0x1
IEC60958 PCM
0x2
AC3
0x3
MPEG1 (Layer 1 and Layer 2)
0x4
MP3 (MPEG1 Layer 3)
0x5
MPEG2 (multichannel)
0x6
AAC
0x7
DTS
0x8
ATRAC
0x91—Bits[2:0], Audio Channel Count
These bits specify how many audio channels (2 channels to
8 channels) are being sent.
Table 22.
CC[2:0]
Channel Count
000
Refer to stream header
001
2
010
3
011
4
100
5
101
6
110
7
111
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com