Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9393/PCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9393/PCBZ
Description  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9393/PCBZ Datasheet HTML 21Page - Analog Devices AD9393/PCBZ Datasheet HTML 22Page - Analog Devices AD9393/PCBZ Datasheet HTML 23Page - Analog Devices AD9393/PCBZ Datasheet HTML 24Page - Analog Devices AD9393/PCBZ Datasheet HTML 25Page - Analog Devices AD9393/PCBZ Datasheet HTML 26Page - Analog Devices AD9393/PCBZ Datasheet HTML 27Page - Analog Devices AD9393/PCBZ Datasheet HTML 28Page - Analog Devices AD9393/PCBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
AD9393
Rev. 0 | Page 25 of 40
0x30—Bit[5], HDMI HSYNC Polarity
This read-only bit indicates the polarity of the HDMI HSYNC.
0 = HDMI HSYNC polarity is active low. 1 = HDMI HSYNC
polarity is active high.
0x30—Bit[4], HDMI VSYNC Polarity
This read-only bit indicates the polarity of the HDMI VSYNC.
0 = HDMI VSYNC polarity is low active. 1 = HDMI VSYNC
polarity is high active.
0x30—Bits[3:0], HDMI Pixel Repetition
These read-only bits indicate the pixel repetition on HDMI.
0 = 1×, 1 = 2×, 2 = 3×, with a maximum repetition of 10× (0x9).
See Table 14.
Table 14.
Select
Repetition Multiplier
0000
1×
0001
2×
0010
3×
0011
4×
0100
5×
0101
6×
0110
7×
0111
8×
1000
9×
1001
10×
0x34—Bit[5:4], Audio Setup
This bit must be written to 0b11 for proper audio operation.
0x34—Bit[3], Up Conversion Mode
0 = repeat Cb and Cr values. 1 = interpolate Cb and Cr values.
0x34—Bit[2], CrCb Filter Enable
Enables the FIR filter for 4:2:2 CrCb output.
COLOR SPACE CONVERSION
The default power up values for the color space converter
coefficients (Register 0x34 through Register 0x4C) are set
for ATSC RGB-to-YCrCb conversion. They are completely
programmable for other conversions.
0x34—Bit[1], CSC_ENABLE
This bit enables the color space converter. 0 = disable color
space converter. 1 = enable color space converter. The power-
up default setting is 0.
0x35—Bits[6:5], CSC_MODE
These two bits set the fixed-point position of the CSC
coefficients, including the A4, B4, and C4 offsets.
Table 15. CSC Fixed Point Converter Mode
Select
Result
00
±1.0, −4096 to +4095
01
±2.0, −8192 to +8190
1x
±4.0, −16,384 to +16,380
0x35—Bits[4:0], CSC_COEFF_A1 MSB and 0x36—
Bits[7:0], CSC_COEFF_A1 LSB
Register 0x35[4:0] form the five MSBs of the Color Space
Conversion Coefficient A1. These bits, combined with the
eight LSBs of Register 0x36 form a 13-bit, twos complement
coefficient, which is user programmable. The equation takes
the form of:
ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4
GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4
BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4
The default value for the 13-bit A1 coefficient is 0x0C52.
0x37—Bits[4:0], CSC_COEFF_A2 MSB and 0x38—
Bits[7:0], CSC _COEFF_A2 LSB
Register 0x37[4:0] form the five MSBs of the Color Space
Conversion Coefficient A2. Combined with the eight LSBs of
Register 0x38, these bits form a 13-bit, twos complement
coefficient that is user programmable. The equation takes
the form of:
ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4
GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4
BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4
The default value for the 13-bit A2 coefficient is 0x0800.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com