Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9393/PCBZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9393/PCBZ
Description  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9393/PCBZ Datasheet HTML 11Page - Analog Devices AD9393/PCBZ Datasheet HTML 12Page - Analog Devices AD9393/PCBZ Datasheet HTML 13Page - Analog Devices AD9393/PCBZ Datasheet HTML 14Page - Analog Devices AD9393/PCBZ Datasheet HTML 15Page - Analog Devices AD9393/PCBZ Datasheet HTML 16Page - Analog Devices AD9393/PCBZ Datasheet HTML 17Page - Analog Devices AD9393/PCBZ Datasheet HTML 18Page - Analog Devices AD9393/PCBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
AD9393
Rev. 0 | Page 15 of 40
Hex Address
Read/Write
Bits
Default
Value
Register Name
Description
0x47
Read/write
[4:0]
xxx01000
CSC_COEFF_C2 MSB
MSB of Register 0x48.
0x48
Read/write
[7:0]
00000000
CSC_COEFF_C2 LSB
CSC coefficient for equation:
ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4
GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4
BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4
0x49
Read/write
[4:0]
xxx01110
CSC_COEFF_C3 MSB
MSB of Register 0x4A.
0x4A
Read/write
[7:0]
10000111
CSC_COEFF_C3 LSB
CSC coefficient for equation:
ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4
GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4
BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4
0x4B
Read/write
[4:0]
xxx11000
CSC_COEFF_C4 MSB
MSB of Register 0x4C.
0x4C
Read/write
[7:0]
10111101
CSC_COEFF_C4 LSB
CSC coefficient for equation:
ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4
GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4
BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4
0x4D
Read/write
[7:0]
00110110
TMDS PLL Control1
Must be written to 0x3B.
0x4E
Read/write
[7:0]
00110110
TMDS PLL Control2
Must be written to 0x6D.
0x4F
Read/write
[7:0]
00110110
TMDS PLL Control3
Must be written to 0x54.
0x50
Read/write
[7:0]
00100000
Test
Must be written to 0x20 for proper operation.
0x56
Read/write
[7:0]
00001111
Test
Must be written to 0x0F (default) for proper operation.
0x57
Read/write
[7]
0xxxxxxx
AV mute override
A1 overrides the AV mute value with Bit 6.
[6]
x0xxxxxx
AV mute value
Sets AV mute value if override is enabled.
[3]
xxxx0xxx
Disable video mute
Disables mute of video during AV mute.
[2]
xxxxx0xx
Disable audio mute
Disables mute of audio during AV mute.
0x58
Read/write
[7]
0
MCLK PLL enable
MCLK PLL enable—uses analog PLL.
[6:4]
0
MCLK PLL_N
MCLK PLL_N [2:0]—this controls the division of the MCLK
out of the PLL: 0 = /1, 1 = /2, 2 = /3, 3 = /4 …
[3]
0
N_CTS_DISABLE
Prevents the N/CTS packet on the link from writing to the N
and CTS registers.
[2:0]
0
MCLK FS_N
Controls the multiple of 128 fS used for MCLK out.
0 = 128 × fS, 1 = 256 × fS, 2 = 384 × fS, 7 = 1024 × fS.
0x59
Read/write
[6]
0
MDA/MCL PU
This disables the MDA/MCL pull-ups.
[5]
0
CLK term O/R
Clock termination power-down override: 0 = auto,
1 = manual.
[4]
0
Manual CLK term
Clock termination: 0 = normal, 1 = disconnected.
[2]
0
FIFO reset UF
This bit resets the audio FIFO if underflow is detected.
[1]
0
FIFO reset OF
This bit resets the audio FIFO if overflow is detected.
[0]
0
MDA/MCL three-state
This bit three-states the MDA/MCL lines.
0x5A
Read
[6:0]
0
Packet detected
These seven bits are updated if any specific packet has
been received since last reset or loss of clock detect.
Normal is 0x00.
Bit
Data Packet Detected
0
AVI infoframe.
1
Audio infoframe.
2
SPD infoframe.
3
MPEG source infoframe.
4
ACP packets.
5
ISRC1 packets.
6
ISRC2 packets.
0x5B
Read
[3]
0
HDMI mode
0 = DVI, 1 = HDMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com