Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9393/PCBZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9393/PCBZ
Description  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9393/PCBZ Datasheet HTML 25Page - Analog Devices AD9393/PCBZ Datasheet HTML 26Page - Analog Devices AD9393/PCBZ Datasheet HTML 27Page - Analog Devices AD9393/PCBZ Datasheet HTML 28Page - Analog Devices AD9393/PCBZ Datasheet HTML 29Page - Analog Devices AD9393/PCBZ Datasheet HTML 30Page - Analog Devices AD9393/PCBZ Datasheet HTML 31Page - Analog Devices AD9393/PCBZ Datasheet HTML 32Page - Analog Devices AD9393/PCBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
AD9393
Rev. 0 | Page 29 of 40
0x95—Bits[6:3], Level Shift
These bits define the amount of attenuation. The value directly
corresponds to the amount of attenuation: for example, 0000 =
0 dB, 0001 = 1 dB, … ,1111 = 15 dB attenuation.
0x97—Bits[6:0], New Data Flags
See the 0x87—Bits[6:0], New Data Flags (NDF) section for a
description.
0x99—Bits[7:0], Vender Name Character 1
This is the first character in eight that is the name of the
vendor that appears on the product. The data characters are
7-bit ASCII code.
0x9F—Bits[6:0], New Data Flags
See the 0x87—Bits[6:0], New Data Flags (NDF) section for a
description.
0xA2—Bits[7:0], Product Description Character 1
This is the first character of 16, which contains the model
number and a short description of the product. The data
characters are 7-bit ASCII code.
0xA7—Bits[6:0], New Data Flags
See the 0x87—Bits[6:0], New Data Flags (NDF) section for a
description.
0xAF—Bits[6:0], New Data Flags
See the 0x87—Bits[6:0], New Data Flags (NDF) section for a
description.
0xB4—Bits[7:0], Source Device Information Code
These bytes classify the source device. See Table 25.
Table 25.
SDI Code
Source
0x00
Unknown
0x01
Digital STB
0x02
DVD
0x03
D-VHS
0x04
HDD video
0x05
DVC
0x06
DSC
0x07
Video CD
0x08
Game
0x09
PC general
0xB7—Bits[6:0], New Data Flags
See the 0x87—Bits[6:0], New Data Flags (NDF) section for a
description.
0xB9—Bits[7:0], MB0
These are the lower eight bits of 32 bits that specify the MPEG
bit rate in hertz.
0xBD—Bit[4], Field Repeat
This defines whether the field is new or repeated. 0 = new field
or picture. 1 = repeated field.
0xBD—Bits[1:0], MPEG Frame
This identifies the frame as I, B, or P. See Table 26.
Table 26.
MF[1:0]
Frame Type
00
Unknown
01
I (picture)
10
B (picture)
11
P (picture)
0xBF—Bits[6:0], New Data Flags
See the 0x87—Bits[6:0], New Data Flags (NDF) section for a
description.
0xC0—Bits[7:0], Audio Content Protection Packet (ACP
Type)
These bits define which audio content protection is used.
Table 27.
Code
ACP Type
0x00
Generic audio
0x01
IEC 60958-identified audio
0x02
DVD-audio
0x03
Reserved for super audio CD (SACD)
0x04 to 0xFF
Reserved
0xC7—Bits[6:0], New Data Flags
See the 0x87—Bits[6:0], New Data Flags (NDF) section for a
description.
0xC8—Bit[7], ISRC1 Continued
This bit indicates that a continuation of the 16 ISRC1 packet
bytes (an ISRC2 packet) is being transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com