Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9393/PCBZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9393/PCBZ
Description  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9393/PCBZ Datasheet HTML 12Page - Analog Devices AD9393/PCBZ Datasheet HTML 13Page - Analog Devices AD9393/PCBZ Datasheet HTML 14Page - Analog Devices AD9393/PCBZ Datasheet HTML 15Page - Analog Devices AD9393/PCBZ Datasheet HTML 16Page - Analog Devices AD9393/PCBZ Datasheet HTML 17Page - Analog Devices AD9393/PCBZ Datasheet HTML 18Page - Analog Devices AD9393/PCBZ Datasheet HTML 19Page - Analog Devices AD9393/PCBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
AD9393
Rev. 0 | Page 16 of 40
Hex Address
Read/Write
Bits
Default
Value
Register Name
Description
0x5E
Read
[7:6]
0
Channel status
Mode = 00. All others are reserved.
[5:3]
0
PCM audio data
When Bit 1 = 0 (linear PCM):
000 = two audio channels without pre-emphasis.
001 = two audio channels with 50 μs/15 μs pre-emphasis.
010 = reserved.
011 = reserved.
[2]
0
Copyright information
0 = software for which copyright is asserted.
1 = software for which no copyright is asserted.
[1]
0
Linear PCM identification
0 = audio sample word represents linear PCM samples.
1 = audio sample word used for other purposes.
[0]
0
Use of channel
status block
0 = consumer use of channel status block.
Audio Channel Status
0x5F
Read
[7:0]
0
Channel status
category code
Per HDMI
0x60
Read
[7:4]
0
Channel number
Per HDMI
[3:0]
0
Source number
Per HDMI
0x61
Read
[5:4]
0
Clock accuracy
Clock accuracy.
00 = Level II.
01 = Level III.
10 = Level I.
11 = reserved.
[3:0]
0
Sampling frequency
0011 = 32 kHz.
0000 = 44.1 kHz.
1000 = 88.2 kHz.
1100 = 176.4 kHz.
0010 = 48 kHz.
1010 = 96 kHz.
1110 = 192 kHz.
0x62
Read
[3:0]
0
Word length
Word length.
0000 = not specified.
0100 = 16 bits.
0011 = 17 bits.
0010 = 18 bits.
0001 = 19 bits.
0101 = 20 bits.
1000 = not specified.
1100 = 20 bits.
1011 = 21 bits.
1010 = 22 bits.
1001 = 23 bits.
1101 = 24 bits.
0x7B
Read
[7:0]
0
CTS[19:12]
Cycle time stamp. This 20-bit value is used with the N value
to regenerate an audio clock. For the remaining bits, see
Register 0x7C and Register 0x7D.
0x7C
Read
[7:0]
0
CTS[11:4]
See Register 0x7B
0x7D
Read
[7:4]
0
CTS[3:0]
See Register 0x7B
Read
[3:0]
0
N[19:16]
20-bit N used with CTS to regenerate the audio clock. For
remaining bits, see Register 0x7E and Register 0x7F.
0x7E
Read
[7:0]
0
N[15:8]
See Register 0x7D
0x7F
Read
[7:0]
0
N[7:0]
See Register 0x7D
AVI Infoframe
0x80
Read
[7:0]
0
AVI infoframe version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com