Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9393/PCBZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9393/PCBZ
Description  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9393/PCBZ Datasheet HTML 29Page - Analog Devices AD9393/PCBZ Datasheet HTML 30Page - Analog Devices AD9393/PCBZ Datasheet HTML 31Page - Analog Devices AD9393/PCBZ Datasheet HTML 32Page - Analog Devices AD9393/PCBZ Datasheet HTML 33Page - Analog Devices AD9393/PCBZ Datasheet HTML 34Page - Analog Devices AD9393/PCBZ Datasheet HTML 35Page - Analog Devices AD9393/PCBZ Datasheet HTML 36Page - Analog Devices AD9393/PCBZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
AD9393
Rev. 0 | Page 33 of 40
PCB LAYOUT RECOMMENDATIONS
The AD9393 is a high precision, high speed digital device. To
achieve the maximum performance from the part, it is impor-
tant to have a well laid-out board. The following sections are a
guide for designing a board using the AD9393.
POWER SUPPLY BYPASSING
It is recommended to bypass each power supply ball with a
0.1 μF capacitor. The exception is in the case where two or
more supply pins are adjacent to each other. For these groupings
of powers/grounds, it is only necessary to have one bypass
capacitor. The fundamental idea is to have a bypass capacitor
within about 0.5 cm of each power ball. Also, avoid placing
the capacitor on the opposite side of the PC board from the
AD9393, because that interposes resistive vias in the path.
The bypass capacitors should be physically located between the
power plane and the power ball. Current should flow from the
power plane to the capacitor to the power ball. Do not make the
power connection between the capacitor and the power ball.
Placing a via underneath the capacitor pads down to the power
plane is generally the best approach.
It is particularly important to maintain low noise and good
stability of PVDD (the clock generator supply). Abrupt changes
in PVDD can result in similarly abrupt changes in sampling
clock phase and frequency. This can be avoided by paying
careful attention to regulation, filtering, and bypassing. It is
highly desirable to provide separate regulated supplies for
each of the circuitry groups (VD and PVDD).
Some graphic controllers use substantially different levels of
power when active (during active picture time) and when idle
(during HSYNC and VSYNC periods). This can result in a
measurable change in the voltage supplied to the regulator,
which can in turn produce changes in the regulated supply
voltage. This can be mitigated by regulating the PVDD from a
different, cleaner power source (for example, from a 12 V supply).
It is recommended to use a single ground plane for the entire
board. Experience has shown repeatedly that the noise perfor-
mance is the same or better with a single ground plane. Using
multiple ground planes can be detrimental because each separate
ground plane is smaller and long ground loops can result.
In some cases, using separate ground planes is unavoidable, so
it is recommended to place a single ground plane under the
AD9393. The location of the split should be at the receiver of
the digital outputs. In this case, it is even more important to
place components wisely because the current loops are much
longer (current takes the path of least resistance).
OUTPUTS (BOTH DATA AND CLOCKS)
Try to minimize the trace length that the digital outputs have
to drive. Longer traces have higher capacitance, which require
more current that causes more internal digital noise.
Shorter traces reduce the possibility of reflections.
Adding a series resistor of value 50 Ω to 200 Ω can suppress
reflections, reduce EMI, and reduce the current spikes inside
the AD9393. If series resistors are used, place them as close as
possible to the AD9393 pins (although try not to add vias or
extra length to the output trace to move the resistors closer).
If possible, limit the capacitance that each of the digital outputs
drives to less than 10 pF. This can be accomplished easily by
keeping traces short and by connecting the outputs to only one
device. Loading the outputs with excessive capacitance increases
the current transients inside of the AD9393 and creates more
digital noise on its power supplies.
DIGITAL INPUTS
The digital inputs on the AD9393 are designed to work with
3.3 V signals, but are tolerant of 5.0 V signals. Therefore, no
extra components need to be added if using 5.0 V logic.
Any noise that enters the HSYNC input trace can add jitter to
the system. Therefore, minimize the trace length and do not run
any digital or other high frequency traces near it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com