Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9393/PCBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9393/PCBZ
Description  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9393/PCBZ Datasheet HTML 19Page - Analog Devices AD9393/PCBZ Datasheet HTML 20Page - Analog Devices AD9393/PCBZ Datasheet HTML 21Page - Analog Devices AD9393/PCBZ Datasheet HTML 22Page - Analog Devices AD9393/PCBZ Datasheet HTML 23Page - Analog Devices AD9393/PCBZ Datasheet HTML 24Page - Analog Devices AD9393/PCBZ Datasheet HTML 25Page - Analog Devices AD9393/PCBZ Datasheet HTML 26Page - Analog Devices AD9393/PCBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AD9393
Rev. 0 | Page 23 of 40
0x25—Bit[1], Primary Output Enable
This bit places the primary output in active or high impedance
mode. The primary output is designated when using either 4:2:2
or DDR 4:4:4. In these modes, the data on the red and green
output channels (D[23:8]) is the primary output, whereas the
output data on the blue channel (D[7:0], DDR YCrCb) is the
secondary output. Double data rate 0 = primary output is in
high impedance mode. 1 = primary output is enabled. The
power-up default setting is 1.
0x25—Bit[0], Secondary Output Enable
This bit places the secondary output in active or high impe-
dance mode. The secondary output is designated when using
either 4:2:2 or DDR 4:4:4. In these modes, the data on the blue
output channel (D[7:0]) is the secondary output and the output
data on the red and green channels (D[23:8]) is the primary
output. Secondary output is always a DDR YCrCb data mode.
0 = secondary output is in high impedance mode. 1 = second-
ary output is enabled. The power-up default setting is 0.
0x26—Bit[7], Output Three-State
When enabled, this bit puts all outputs in a high impedance
state. 0 = normal outputs. 1 = all outputs in high impedance
mode. The power-up default setting is 0.
0x26—Bit[5], S/PDIF Three-State
When enabled, this bit places the S/PDIF audio output pins in a
high impedance state. 0 = normal S/PDIF output. 1 = S/PDIF
pins in high impedance mode. The power-up default setting is 0.
0x26—Bit[4], I2S Three-State
When enabled, this bit places the I2S output pins in a high
impedance state. 0 = normal I2S output. 1 = I2S pins are in
high impedance mode. The power-up default setting is 0.
0x26—Bit[3], Power-Down Ball Polarity
This bit defines the polarity of the input power-down ball.
0 = power-down ball is active low. 1 = power-down ball is
active high. The power-up default setting is 1.
0x26—Bits[2:1], Power-Down Ball Function
These bits define the different operational modes of the power-
down ball. These bits are functional only when the power-down
ball is active; when it is inactive, the part is powered up and
functioning. 0x = the chip is powered down and all outputs are
in high impedance mode. 1x = the chip remains powered up,
but all outputs are in three-state outputs mode. The power-up
default setting is 00.
0x26—Bit[0], Power-Down
This bit is used to put the chip in power-down mode. In this
mode, the power dissipation is reduced to a fraction of the
typical power (see Table 2 for exact power dissipation). When
in power-down, the HSOUT, VSOUT, DCLK, and all 24 of the
data outputs are put into a high impedance state. Circuit blocks
that continue to be active during power-down include the
voltage references, sync detection, and the serial register. These
blocks facilitate a fast start up from power-down. 0 = normal
operation. 1 = power-down. The power-up default setting is 0.
0x27—Bit[7], Auto Power-Down Enable
This bit enables the chip to go into low power mode, or seek
mode if no sync inputs are detected. 0 = auto power-down
disabled. 1 = chip powers down if no sync inputs are present.
The power-up default setting is 1.
0x27—Bit[6], HDCP A0
This bit sets the LSB of the address of the HDCP I2C. Set this bit
to 1 only for a second receiver in a dual-link configuration. The
power-up default is 0.
0x27—Bit[5], Clock Test
The power-up default setting is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com