Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9393/PCBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9393/PCBZ
Description  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9393/PCBZ Datasheet HTML 2Page - Analog Devices AD9393/PCBZ Datasheet HTML 3Page - Analog Devices AD9393/PCBZ Datasheet HTML 4Page - Analog Devices AD9393/PCBZ Datasheet HTML 5Page - Analog Devices AD9393/PCBZ Datasheet HTML 6Page - Analog Devices AD9393/PCBZ Datasheet HTML 7Page - Analog Devices AD9393/PCBZ Datasheet HTML 8Page - Analog Devices AD9393/PCBZ Datasheet HTML 9Page - Analog Devices AD9393/PCBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD9393
Rev. 0 | Page 6 of 40
AD9393
TOP VIEW
(Not to Scale)
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
D14
D15
D16
D18
D20
D22
DCLK
HSOUT
O/E
SDA
D13
D12
D17
D19
D21
D23
DE
VDD
VDD
GND
GND
GND
VD
GND
VD
SCLK
LRCLK
DVDD
DVDD
VSOUT
PD
SCL
GND
MCLK
I2S3
I2S2
I2S1
I2S0
SPDIF
RTERM
DDC_
SDA
Rx2+
RxC–
RxC+
GND
Rx0–
Rx0+
GND
Rx1–
Rx1+
GND
Rx2–
D11
D10
GND
GND
D9
D8
GND
FILT
D7
D6
GND
GND
D5
D4
PVDD
MDA
D3
D2
PVDD
MCL
D1
D0
DDC_
SCL
GND
A
123
456
789
10
B
J
K
C
D
E
F
G
H
Figure 2. Pin Configuration
Table 4. Complete Pin List
Pin No.
Mnemonic
Description
Value
Inputs
B9
PD
Power-Down Control. Power-Down Control/Three-State Control. The function
of this pin is programmable via Register 0x26[2:1].
3.3 V CMOS
Digital Video Data Inputs
K5, K4, K8, K7, J10, K10
Rx0+, Rx0−,
Rx1+, Rx1−,
Rx2+, Rx2−
Digital Input Channel x True/Complement. These six pins receive three pairs of
transition minimized differential signaling (TMDS ) pixel data (at 10× the pixel
rate) from a digital graphics transmitter.
TMDS
Digital Video Clock Inputs
K2, K1
RxC+, RxC−
Digital Data Clock True/Complement. This clock pair receives a TMDS clock at
1× pixel data rate.
TMDS
Outputs
B6, A6, B5, A5, B4,
A4, B3, A3, A2, A1,
B1, B2, C1, C2, D1,
D2, E1, E2, F1, F2,
G1, G2, H1, H2
D[23:0]
Data Outputs. In RGB,
D[23:16] = Red[7:0]
D[15:8] = Green[7:0]
D[7:0] = Blue[7:0]
See Table 6
VDD
A7
DCLK
Data Output Clock. This is the main clock output signal used to strobe the
output data and HSOUT into external logic. Four possible output clocks can
be selected with Register 0x25[7:6]. These are related to the pixel clock (½×
pixel clock, 1× pixel clock, 2× frequency pixel clock, and a 90° phase shifted
pixel clock). They are produced by the internal PLL clock generator and are
synchronous with the pixel clock. The polarity of DCLK can also be inverted via
Register 0x24[0].
VDD
A8
HSOUT
HSYNC Output Clock (Phase-Aligned with DCLK). Horizontal sync output. A
reconstructed and phase-aligned version of the HSYNC input. Both the
polarity and duration of this output can be programmed via serial bus
registers. By maintaining alignment with DCLK and data, data timing with
respect to horizontal sync can always be determined.
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com