Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9393/PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9393/PCBZ
Description  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ Datasheet(HTML) 3 Page - Analog Devices

  AD9393/PCBZ Datasheet HTML 1Page - Analog Devices AD9393/PCBZ Datasheet HTML 2Page - Analog Devices AD9393/PCBZ Datasheet HTML 3Page - Analog Devices AD9393/PCBZ Datasheet HTML 4Page - Analog Devices AD9393/PCBZ Datasheet HTML 5Page - Analog Devices AD9393/PCBZ Datasheet HTML 6Page - Analog Devices AD9393/PCBZ Datasheet HTML 7Page - Analog Devices AD9393/PCBZ Datasheet HTML 8Page - Analog Devices AD9393/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AD9393
Rev. 0 | Page 3 of 40
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VDD, VD = 3.3 V, DVDD = PVDD = 1.8 V, unless otherwise noted.
Table 1.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
DIGITAL INPUTS (5 V Tolerant)
Input Voltage, High (VIH)
Full
VI
2.6
V
Input Voltage, Low (VIL)
Full
VI
0.8
V
Input Current, High (IIH)
Full
V
−82
μA
Input Current, Low (IIL)
Full
V
82
μA
Input Capacitance
25°C
V
3
pF
DIGITAL OUTPUTS
Output Voltage, High (VOH)
Full
VI
VDD − 0.1
V
Output Voltage, Low (VOL)
Full
VI
0.4
V
Duty Cycle, DCLK
Full
V
45
50
55
%
Output Coding
Binary
THERMAL CHARACTERISTICS
θJA Junction-to-Ambient
V
59
°C/W
θJC Junction-to-Case
V
15.2
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com