Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9393/PCBZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9393/PCBZ
Description  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9393/PCBZ Datasheet HTML 22Page - Analog Devices AD9393/PCBZ Datasheet HTML 23Page - Analog Devices AD9393/PCBZ Datasheet HTML 24Page - Analog Devices AD9393/PCBZ Datasheet HTML 25Page - Analog Devices AD9393/PCBZ Datasheet HTML 26Page - Analog Devices AD9393/PCBZ Datasheet HTML 27Page - Analog Devices AD9393/PCBZ Datasheet HTML 28Page - Analog Devices AD9393/PCBZ Datasheet HTML 29Page - Analog Devices AD9393/PCBZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
AD9393
Rev. 0 | Page 26 of 40
0x39—Bits[4:0], CSC_COEFF_A3 MSB and 0x3A—
Bits[7:0], CSC_COEFF_A3 LSB
The default value for the 13-bit A3 is 0x00000.
0x3B—Bits[4:0], CSC_COEFF_A4 MSB and 0x3C—
Bits[7:0], CSC_COEFF_A4 LSB
The default value for the 13-bit A4 is 0x19D7.
0x3D—Bits[4:0], CSC_COEFF_B1 MSB and 0x3E—
Bits[7:0], CSC_COEFF_B1 LSB
The default value for the 13-bit B1 is 0x1C54.
0x3F—Bits[4:0], CSC_COEFF_B2 MSB and 0x40—
Bits[7:0], CSC_COEFF_B2 LSB
The default value for the 13-bit B2 is 0x0800.
0x41—Bits[4:0], CSC_COEFF_B3 MSB and 0x42—
Bits[7:0], CSC_COEFF_B3 LSB
The default value for the 13-bit B3 is 0x1E89.
0x43—Bits[4:0], CSC_COEFF_B4 MSB and 0x44—
Bits[7:0], CSC_COEFF_B4 LSB
The default value for the 13-bit B4 is 0x0291.
0x45—Bits[4:0], CSC_COEFF_C1 MSB and 0x46—
Bits[7:0], CSC_COEFF_C1 LSB
The default value for the 13-bit C1 is 0x0000.
0x47—Bits[4:0], CSC_COEFF_C2 MSB and 0x48—
Bits[7:0], CSC_COEFF_C2 LSB
The default value for the 13 bit C2 is 0x0800.
0x49—Bits[4:0], CSC_COEFF_C3 MSB and 0x4A—
Bits[7:0], CSC_COEFF_C3 LSB
The default value for the 13-bit C3 is 0x0E87.
0x4B—Bits[4:0], CSC_COEFF_C4 MSB and 0x4C—
Bits[7:0], CSC_COEFF_C4 LSB
The default value for the 13-bit C4 is 0x18BD.
0x58—Bit[7], MCLK PLL Enable
This bit enables the use of the analog PLL.
0x58—Bits[6:4], MCLK PLL_N
These bits control the division of the MCLK out of the PLL. See
Table 16.
Table 16.
MCLK PLL_N [2:0]
MCLK Divide Value
0
/1
1
/2
2
/3
3
/4
4
/5
5
/6
6
/7
7
/8
0x58—Bit[3], N_CTS_Disable
This bit prevents the N/CTS packet on the link from writing to
the N and CTS registers.
0x58—Bits[2:0], MCLK FS_N
These bits control the multiple of 128 fS used for MCLK out. See
Table 17.
Table 17.
MCLK FS_N [2:0]
fS Multiple
0
128
1
256
2
384
3
512
4
640
5
768
6
896
7
1024
0x59—Bit[6], MDA/MCL PU
This bit disables the MDA/MCL pull-ups.
0x59—Bit[5], CLK Term O/R
This bit allows for overriding during power-down.
0 = auto, 1 = manual.
0x59—Bit[4], Manual CLK Term
This bit allows normal clock termination or disconnects this.
0 = normal, 1 = disconnected.
0x59—Bit[2], FIFO Reset UF
This bit resets the audio FIFO if underflow is detected.
0x59—Bit[1], FIFO Reset OF
This bit resets the audio FIFO if overflow is detected.
0x59—Bit[0], MDA/MCL Three-State
This bit three-states the MDA/MCL lines to allow in-circuit
programming of the EEPROM.
0x5A—Bits[6:0], Packet Detected
This register indicates if a data packet in specific sections has
been detected. These seven bits are updated if any specific
packet has been received since the last reset or loss of clock
detect. The default setting is 0x00. See Table 18.
Table 18.
Packet Detect Bit
Packet Detected
0
AVI infoframe
1
Audio infoframe
2
SPD infoframe
3
MPEG source infoframe
4
ACP packets
5
ISRC1 packets
6
ISRC2 packets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com