Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9393/PCBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9393/PCBZ
Description  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9393/PCBZ Datasheet HTML 13Page - Analog Devices AD9393/PCBZ Datasheet HTML 14Page - Analog Devices AD9393/PCBZ Datasheet HTML 15Page - Analog Devices AD9393/PCBZ Datasheet HTML 16Page - Analog Devices AD9393/PCBZ Datasheet HTML 17Page - Analog Devices AD9393/PCBZ Datasheet HTML 18Page - Analog Devices AD9393/PCBZ Datasheet HTML 19Page - Analog Devices AD9393/PCBZ Datasheet HTML 20Page - Analog Devices AD9393/PCBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
AD9393
Rev. 0 | Page 17 of 40
Hex Address
Read/Write
Bits
Default
Value
Register Name
Description
0x81
Read
[6:5]
0
Y[1:0]
Y[1:0] indicates RGB, 4:2:2, or 4:4:4.
00 = RGB.
01 = YCrCb 4:2:2.
10 = YCrCb 4:4:4.
[4]
0
Active format information
status
Active format information present.
0 = no data.
1 = active format information valid.
[3:2]
0
Bar information
B[1:0].
00 = no bar information.
01 = horizontal bar information valid.
10 = vertical bar information valid.
11 = horizontal and vertical bar information valid.
[1:0]
0
Scan information
S[1:0].
00 = no information.
01 = overscanned (television).
10 = underscanned (computer).
0x82
Read
[7:6]
0
Colorimetry
C[1:0].
00 = no data.
01 = SMPTE 170M, ITU601.
10 = ITU709.
[5:4]
0
Picture aspect ratio
M[1:0].
00 = no data.
01 = 4:3.
10 = 16:9.
[3:0]
0
Active format aspect ratio
R[3:0].
1000 = same as picture aspect ratio.
1001 = 4:3 (center).
1010 = 16:9 (center).
1011 = 14:9 (center).
0x83
Read
[1:0]
0
Nonuniform picture scaling
SC[1:0].
00 = no known nonuniform scaling.
01 = picture has been scaled horizontally.
10 = picture has been scaled vertically.
11 = picture has been scaled horizontally and vertically.
0x84
Read
[6:0]
0
Video identification code
VIC[6:0] video identification code—refer to CEA EDID short
video descriptors.
0x85
Read
[3:0]
0
Pixel repeat
PR[3:0] specifies how many times a pixel has been
repeated.
0000 = no repetition (pixel sent once).
0001 = pixel sent twice (repeated once).
0010 = pixel sent three times.
1001 = pixel sent 10 times.
0xA to 0xF reserved.
0x86
Read
[7:0]
0
Active line start LSB
This represents the line number of the end of the top
horizontal bar. If 0, there is no horizontal bar. Combines
with Register 0x88 for a 16-bit value.
0x87
Read
[6:0]
0
New data flags
New data flags. These eight bits are updated if any specific
data changes. Normal (no NDFs) is 0x00. When any NDF
register is read, all bits reset to 0x00. All NDF registers
contain the same data.
Bit
Data Packet Changed
0
AVI infoframe.
1
Audio infoframe.
2
SPD infoframe.
3
MPEG source infoframe.
4
ACP packets.
5
ISRC1 packets.
6
ISRC2 packets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com