Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9393/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9393/PCBZ
Description  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9393/PCBZ Datasheet HTML 14Page - Analog Devices AD9393/PCBZ Datasheet HTML 15Page - Analog Devices AD9393/PCBZ Datasheet HTML 16Page - Analog Devices AD9393/PCBZ Datasheet HTML 17Page - Analog Devices AD9393/PCBZ Datasheet HTML 18Page - Analog Devices AD9393/PCBZ Datasheet HTML 19Page - Analog Devices AD9393/PCBZ Datasheet HTML 20Page - Analog Devices AD9393/PCBZ Datasheet HTML 21Page - Analog Devices AD9393/PCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
AD9393
Rev. 0 | Page 18 of 40
Hex Address
Read/Write
Bits
Default
Value
Register Name
Description
0x88
Read
[7:0]
0
Active line start MSB
Active line start MSB (see Register 0x86).
0x89
Read
[7:0]
0
Active line end LSB
This represents the line number of the beginning of a lower
horizontal bar. If greater than the number of active video
lines, there is no lower horizontal bar. Combines with
Register 0x8A for a 16-bit value.
0x8A
Read
[7:0]
0
Active line end MSB
Active line end MSB. See Register 0x89.
0x8B
Read
[7:0]
0
Active pixel start LSB
This represents the last pixel in a vertical pillar bar at the
left side of the picture. If 0, there is no left bar. Combines
with Register 0x8C for a 16-bit value.
0x8C
Read
[7:0]
0
Active pixel start MSB
Active pixel start MSB. See Register 0x8B.
0x8D
Read
[7:0]
0
Active pixel end LSB
This represents the first horizontal pixel in a vertical pillar-bar
at the right side of the picture. If greater than the maximum
number of horizontal pixels, there is no vertical bar. Com-
bines with Register 0x8E for a16-bit value.
0x8E
Read
[7:0]
0
Active pixel end MSB
Active pixel end MSB. See Register 0x8D.
0x8F
Read
[6:0]
0
New data flags
New data flags (see Register 0x87).
0x90
Read
[7:0]
0
Audio infoframe version
Per HDMI
0x91
Read
[7:4]
0
Audio coding type
CT[3:0]. Audio coding type.
0x00 = refer to stream header.
0x01 = IEC60958 PCM.
0x02 = AC3.
0x03 = MPEG1 (Layer 1 and Layer 2).
0x04 = MP3 (MPEG1 Layer 3).
0x05 = MPEG2 (multichannel).
0x06 = AAC.
0x07 = DTS.
0x08 = ATRAC.
[2:0]
0
Audio coding count
CC[2:0]. Audio channel count.
000 = refer to stream header.
001 = two channels.
010 = three channels.
111 = eight channels.
0x92
Read
[4:2]
0
Sampling frequency
SF[2:0]. Sampling frequency.
000 = refer to stream header.
001 = 32 kHz.
010 = 44.1 kHz (CD).
011 = 48 kHz.
100 = 88.2 kHz.
101 = 96 kHz.
110 = 176.4 kHz.
111 = 192 kHz.
[1:0]
0
Sample size
SS [1:0]. Sample size.
00 = refer to stream header.
01 = 16 bits.
10 = 20 bits.
11 = 24 bits.
0x93
Read
[7:0]
0
Maximum bit rate
Maximum bit rate (compressed audio only). The value of
this field multiplied by 8 kHz represents the maximum bit
rate.
0x94
Read
[7:0]
0
Speaker mapping
CA[7:0]. Speaker mapping or placement for up to eight
channels. See Table 24.
0x95
Read
[7]
0
Down-mix
DM_INH: down-mix inhibit.
0 = permitted or no information.
1 = prohibited.
[6:3]
0
Level shift
LSV[3:0]: level shift values with attenuation information.
0000 = 0 dB attenuation.
0001 = 1 dB attenuation.
. . .
1111 = 15 dB attenuation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com