Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9393/PCBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9393/PCBZ
Description  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9393/PCBZ Datasheet HTML 7Page - Analog Devices AD9393/PCBZ Datasheet HTML 8Page - Analog Devices AD9393/PCBZ Datasheet HTML 9Page - Analog Devices AD9393/PCBZ Datasheet HTML 10Page - Analog Devices AD9393/PCBZ Datasheet HTML 11Page - Analog Devices AD9393/PCBZ Datasheet HTML 12Page - Analog Devices AD9393/PCBZ Datasheet HTML 13Page - Analog Devices AD9393/PCBZ Datasheet HTML 14Page - Analog Devices AD9393/PCBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD9393
Rev. 0 | Page 11 of 40
AUDIO BOARD LEVEL MUTING
The audio can be muted through the infoframes or locally
via the serial bus registers. This can be controlled with
Register 0x57, Bits[7:6].
AVI Infoframes
The HDMI TMDS transmission contains infoframes with
specific information for the monitor such as:
•
Audio information
•
Two channels to eight channels of audio identified
•
Audio coding
•
Audio sampling frequency
•
Speaker placement
•
N and CTS values (for reconstruction of the audio)
•
Muting
•
Source information
•
CD
•
SACD
•
DVD
•
Video information
•
Video ID code (per CEA861B)
•
Color space
•
Aspect ratio
•
Horizontal and vertical bar information
•
MPEG frame information (I, B, or P frame)
•
Vendor (transmitter source) name and product model
This information is the fundamental difference between DVI
and HDMI transmissions and is located in the read-only registers
Register 0x5A to Register 0xEE. In addition to this information,
registers are provided to indicate that new information has been
received. Registers with addresses ending in 7 or F beginning
with Register 0x87 contain the new data flags (NDF)
information. All of these registers contain the same information
and all are reset when any of them are read. Although there is
no external interrupt signal, it is very easy for the user to read
any of the NDF registers to see if there is new information to be
processed.
OUTPUT DATA FORMATS
The AD9393 supports 4:4:4, 4:2:2, double data-rate (DDR), and
BT656 output formats. Register 0x25[3:0] controls the output
mode. These modes and the pin mapping are illustrated in
Table 8.
Table 8. Output Formats1
Port
Bits D[23:0]
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
4:4:4
Red/Cr [7:0]
Green/Y [7:0]
Blue/Cb [7:0]
4:2:2
CbCr [7:0]
Y [7:0]
DDR 4:2:2 ↑ CbCr ↓ Y, Y
4:4:4 DDR
DDR ↑ G [3:0]
DDR ↑ B [7:4]
DDR ↑ B [3:0]
DDR 4:2:2 ↑ CbCr [11:0]
DDR ↓ R [7:0]
DDR ↓ G [7:4]
DDR 4:2:2 ↓ Y, Y [11:0]
4:2:2 to 12-bit
CbCr [11:0]
Y [11:0]
1 Arrows indicate clock edge. The rising edge of clock =
↑, the falling edge = ↓.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com