Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9393/PCBZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9393/PCBZ
Description  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9393/PCBZ Datasheet HTML 32Page - Analog Devices AD9393/PCBZ Datasheet HTML 33Page - Analog Devices AD9393/PCBZ Datasheet HTML 34Page - Analog Devices AD9393/PCBZ Datasheet HTML 35Page - Analog Devices AD9393/PCBZ Datasheet HTML 36Page - Analog Devices AD9393/PCBZ Datasheet HTML 37Page - Analog Devices AD9393/PCBZ Datasheet HTML 38Page - Analog Devices AD9393/PCBZ Datasheet HTML 39Page - Analog Devices AD9393/PCBZ Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
AD9393
Rev. 0 | Page 37 of 40
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-225
WITH THE EXCEPTION TO PACKAGE HEIGHT.
A
B
C
D
E
F
G
J
H
K
10
8
7
6
3
2
1
9
5
4
A1 CORNER
INDEX AREA
TOP VIEW
BALL A1
PAD CORNER
DETAIL A
BOTTOM VIEW
0.75
REF
6.10
6.00 SQ
5.90
SEATING
PLANE
BALL DIAMETER
0.15 MIN
0.35
0.30
0.25
COPLANARITY
0.08 MAX
0.65 MIN
0.50
BSC
4.50
BSC SQ
*1.40 MAX
DETAIL A
Figure 9. 76-Pin Chip Scale Package Pin Grid Array [CSP_BGA]
6 mm × 6 mm × 1.2 mm
(BC-76-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Max Speed
(MHz) Digital
Temperature
Range
Package Description
Package Option
AD9393BBCZ-801
80
−10°C to +80°C
76-Pin Chip Scale Package Pin Grid Array (CSP_BGA)
BC-76-2
AD9393BBCZRL-801
80
−10°C to +80°C
76-Pin Chip Scale Package Pin Grid Array (CSP_BGA)
BC-76-2
AD9393/PCBZ1
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com