Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9393/PCBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9393/PCBZ
Description  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9393/PCBZ Datasheet HTML 24Page - Analog Devices AD9393/PCBZ Datasheet HTML 25Page - Analog Devices AD9393/PCBZ Datasheet HTML 26Page - Analog Devices AD9393/PCBZ Datasheet HTML 27Page - Analog Devices AD9393/PCBZ Datasheet HTML 28Page - Analog Devices AD9393/PCBZ Datasheet HTML 29Page - Analog Devices AD9393/PCBZ Datasheet HTML 30Page - Analog Devices AD9393/PCBZ Datasheet HTML 31Page - Analog Devices AD9393/PCBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
AD9393
Rev. 0 | Page 28 of 40
0x93—Bits[7:0], Maximum Bit Rate
For compressed audio only, when this value is multiplied by
8 kHz, it represents the maximum bit rate. A value of 0x08 in
this field yields a maximum bit rate of (8 kHz × 8 kHz = 64 kHz).
0x94—Bits[7:0], Speaker Mapping
Bits[4:0] define the suggested placement of speakers. Bits[7:5]
are currently not available. See Table 23 and Table 24.
Table 23.
Abbreviation
Speaker Placement
FL
Front left
FC
Front center
FR
Front right
FCL
Front center left
FCR
Front center right
RL
Rear left
RC
Rear center
RR
Rear right
RCL
Rear center left
RCR
Rear center right
LFE
Low frequency effect
Table 24. Speaker Mapping
CA
Channel Number
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
8
7
6
5
4
3
2
1
0
0
0
0
0
FR
FL
0
0
0
0
1
LFE
FR
FL
0
0
0
1
0
FC
FR
FL
0
0
0
1
1
FC
LFE
FR
FL
0
0
1
0
0
RC
FR
FL
0
0
1
0
1
RC
LFE
FR
FL
0
0
1
1
0
RC
FC
FR
FL
0
0
1
1
1
RC
FC
LFE
FR
FL
0
1
0
0
0
RR
RL
FR
FL
0
1
0
0
1
RR
RL
LFE
FR
FL
0
1
0
1
0
RR
RL
FC
FR
FL
0
1
0
1
1
RR
RL
FC
LFE
FR
FL
0
1
1
0
0
RC
RR
RL
FR
FL
0
1
1
0
1
RC
RR
RL
LFE
FR
FL
0
1
1
1
0
RC
RR
RL
FC
FR
FL
0
1
1
1
1
RC
RR
RL
FC
LFE
FR
FL
1
0
0
0
0
RRC
RLC
RR
RL
FR
FL
1
0
0
0
1
RRC
RLC
RR
RL
LFE
FR
FL
1
0
0
1
0
RRC
RLC
RR
RL
FC
FR
FL
1
0
0
1
1
RRC
RLC
RR
RL
FC
LFE
FR
FL
1
0
1
0
0
FRC
FLC
v
FR
FL
1
0
1
0
1
FRC
FLC
v
LFE
FR
FL
1
0
1
1
0
FRC
FLC
FC
FR
FL
1
0
1
1
1
FRC
FLC
FC
LFE
FR
FL
1
1
0
0
0
FRC
FLC
RC
FR
FL
1
1
0
0
1
FRC
FLC
RC
LFE
FR
FL
1
1
0
1
0
FRC
FLC
RC
FC
FR
FL
1
1
0
1
1
FRC
FLC
RC
FC
LFE
FR
FL
1
1
1
0
0
FRC
FLC
RR
RL
v
FR
FL
1
1
1
0
1
FRC
FLC
RR
RL
LFE
FR
FL
1
1
1
1
0
FRC
FLC
RR
RL
FC
FR
FL
1
1
1
1
1
FRC
FLC
RR
RL
FC
LFE
FR
FL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com