Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9393/PCBZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9393/PCBZ
Description  Low Power HDMI Display Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9393/PCBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9393/PCBZ Datasheet HTML 15Page - Analog Devices AD9393/PCBZ Datasheet HTML 16Page - Analog Devices AD9393/PCBZ Datasheet HTML 17Page - Analog Devices AD9393/PCBZ Datasheet HTML 18Page - Analog Devices AD9393/PCBZ Datasheet HTML 19Page - Analog Devices AD9393/PCBZ Datasheet HTML 20Page - Analog Devices AD9393/PCBZ Datasheet HTML 21Page - Analog Devices AD9393/PCBZ Datasheet HTML 22Page - Analog Devices AD9393/PCBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AD9393
Rev. 0 | Page 19 of 40
Hex Address
Read/Write
Bits
Default
Value
Register Name
Description
0x96
Read
[7:0]
0
Reserved.
0x97
Read
[6:0]
0
New data flags
New data flags (see Register 0x87).
Source Product Description (SPD) Infoframe
0x98
Read
[7:0]
0
Source product description
(SPD) infoframe version
Per HDMI
0x99
Read
[7:0]
0
Vender Name Character 1
Vender name character 1 (VN1) 7-bit ASCII code. The first of
eight characters naming the product company.
0x9A
Read
[7:0]
0
VN2
VN2.
0x9B
Read
[7:0]
0
VN3
VN3.
0x9C
Read
[7:0]
0
VN4
VN4.
0x9D
Read
[7:0]
0
VN5
VN5.
0x9E
Read
[7:0]
0
VN6
VN6.
0x9F
Read
[6:0]
0
New data flags
New data flags (see Register 0x87).
0xA0
Read
[7:0]
0
VN7
VN7.
0xA1
Read
[7:0]
0
VN8
VN8.
0xA2
Read
[7:0]
0
Product Description
Character 1
Product Description Character 1 (PD1) 7-bit ASCII code. The
first of 16 characters that contains the model number and a
short description.
0xA3
Read
[7:0]
0
PD2
PD2.
0xA4
Read
[7:0]
0
PD3
PD3.
0xA5
Read
[7:0]
0
PD4
PD4.
0xA6
Read
[7:0]
0
PD5
PD5.
0xA7
Read
[6:0]
0
New data flags
New data flags (see Register 0x87).
0xA8
Read
[7:0]
0
PD6
PD6.
0xA9
Read
[7:0]
0
PD7
PD7.
0xAA
Read
[7:0]
0
PD8
PD8.
0xAB
Read
[7:0]
0
PD9
PD9.
0xAC
Read
[7:0]
0
PD10
PD10.
0xAD
Read
[7:0]
0
PD11
PD11.
0xAE
Read
[7:0]
0
PD12
PD12.
0xAF
Read
[6:0]
0
New data flags
New data flags (see Register 0x87).
0xB0
Read
[7:0]
0
PD13
PD13.
0xB1
Read
[7:0]
0
PD14
PD14.
0xB2
Read
[7:0]
0
PD15
PD15.
0xB3
Read
[7:0]
0
PD16
PD16.
0xB4
Read
[7:0]
0
Source device
This is a code that classifies the source device.
Information code
0x00 = unknown.
0x01 = digital STB.
0x02 = DVD.
0x03 = D-VHS.
0x04 = HDD video.
0x05 = DVC.
0x06 = DSC.
0x07 = video CD.
0x08 = game.
0x09 = PC general.
0xB7
Read
[6:0]
0
New data flags
New data flags (see Register 0x87).
MPEG Source Infoframe
0xB8
Read
[7:0]
0
MPEG source infoframe
version
0xB9
Read
[7:0]
0
MB[0]
MB[0] (lower byte of MPEG bit rate in hertz). This is the
lower eight bits of 32 bits (4 bytes) that specify the MPEG
bit rate in hertz.
0xBA
Read
[7:0]
0
MB[1]
MB[1].
0xBB
Read
[7:0]
0
MB[2]
MB[2].
0xBC
Read
[7:0]
0
MB[3]
MB[3] (upper byte).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com