Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 141 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 141 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 137Page - Analog Devices ADE5166_09 Datasheet HTML 138Page - Analog Devices ADE5166_09 Datasheet HTML 139Page - Analog Devices ADE5166_09 Datasheet HTML 140Page - Analog Devices ADE5166_09 Datasheet HTML 141Page - Analog Devices ADE5166_09 Datasheet HTML 142Page - Analog Devices ADE5166_09 Datasheet HTML 143Page - Analog Devices ADE5166_09 Datasheet HTML 144Page - Analog Devices ADE5166_09 Datasheet HTML 145Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 141 of 156
Table 155. SPI Interrupt Status SFR (SPISTAT, Address 0xEA)
Bit
Mnemonic
Default
Description
7
BUSY
0
SPI peripheral busy flag.
BUSY
Result
0
The SPI peripheral is idle.
1
The SPI peripheral is busy transferring data in slave or master mode.
6
MMERR
0
SPI multimaster error flag.
MMERR
Result
0
A multiple master error has not occurred.
1
If the SS_EN bit (SPIMOD1, Address 0xE8[3]) is set, enabling the slave select input and asserting
the SS pin while the SPI peripheral is transferring data as a master, this flag is raised to indicate
the error. Write a 0 to this bit to clear it.
5
SPIRxOF
0
SPI receive overflow error flag. Reading the SPI2CRx SFR clears this bit.
SPIRxOF
TIMODE
Result
0
X1
The SPI2CRx SFR (Address 0x9B) contains valid data.
1
1
Set if the SPI2CRx SFR is not read before the end of the next byte transfer. If the RxOFW
bit (SPIMOD1, Address 0xE8[2]) is set and this condition occurs, SPI2CRx is overwritten.
4
SPIRxIRQ
0
SPI receive mode interrupt flag. Reading the SPI2CRx SFR clears this bit.
SPIRxIRQ
TIMODE
Result
0
X1
The SPI2CRx SFR does not contain new data.
1
0
Set when the SPI2CRx SFR contains new data. If the SPI/I2C interrupt is enabled, an
interrupt is generated when this bit is set. If the SPI2CRx SFR is not read before the
end of the current byte transfer, the transfer stops and the SS pin is deasserted.
1
1
The SPI2CRx SFR contains new data.
3
SPIRxBF
0
Status bit for the SPI Rx buffer. When set, the Rx FIFO is full. A read of the SPI2CRx SFR clears this flag.
2
SPITxUF
0
Status bit for SPI Tx buffer. When set, the Tx FIFO is underflowing and data can be written into SPI2CTx
(Address 0x9A). Write a 0 to this bit to clear it.
1
SPITxIRQ
0
SPI transmit mode interrupt flag. Writing new data to the SPI2CTx SFR clears this bit.
SPITxIRQ
TIMODE
Result
0
X1
The SPI2CTx SFR is full.
1
0
The SPI2CTx SFR is empty.
1
1
Set when the SPI2CTx SFR is empty. If the SPI/I2C interrupt is enabled, an interrupt is
generated when this bit is set. If new data is not written to the SPI2CTx SFR before the
end of the current byte transfer, the transfer stops and the SS pin is deasserted.
Write a 0 to this bit to clear it.
0
SPITxBF
0
Status bit for the SPI Tx buffer. When set, the SPI Tx buffer is full. Write a 0 to this bit to clear it.
1 X = don’t care.
SPI PINS
MISO (Master In, Slave Out Data I/O Pin)
The MISO (P0.5/MISO/ZX) pin is configured as an input line
in master mode and as an output line in slave mode. The MISO
line on the master (data in) should be connected to the MISO
line in the slave device (data out). The data is transferred as
byte-wide (8-bit) serial data, MSB first.
MOSI (Master Out, Slave In Pin)
The MOSI (P0.4/MOSI/SDATA) pin is configured as an output
line in master mode and as an input line in slave mode. The MOSI
line on the master (data out) should be connected to the MOSI
line in the slave device (data in). The data is transferred as byte-
wide (8-bit) serial data, MSB first.
SCLK (Serial Clock I/O Pin)
The master serial clock (SCLK) is used to synchronize the data
being transmitted and received through the MOSI and MISO
data lines. The SCLK (P0.6/SCLK/T0) pin is configured as an
output in master mode and as an input in slave mode.
In master mode, the bit rate, polarity, and phase of the clock are
controlled by SPI Configuration SFR 1 (SPIMOD1, Address 0xE8)
and SPI Configuration SFR 2 (SPIMOD2, Address 0xE9).
In slave mode, the SPIMOD2 SFR (Address 0xE9) must be con-
figured with the phase and polarity of the expected input clock.
In both master and slave modes, the data is transmitted on one
edge of the SCLK signal and sampled on the other. It is important,
therefore, that the SPICPOL and SPICPHA bits (SPIMOD2[3:2])
be configured the same for the master and slave devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com