Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 145 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 145 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 141Page - Analog Devices ADE5166_09 Datasheet HTML 142Page - Analog Devices ADE5166_09 Datasheet HTML 143Page - Analog Devices ADE5166_09 Datasheet HTML 144Page - Analog Devices ADE5166_09 Datasheet HTML 145Page - Analog Devices ADE5166_09 Datasheet HTML 146Page - Analog Devices ADE5166_09 Datasheet HTML 147Page - Analog Devices ADE5166_09 Datasheet HTML 148Page - Analog Devices ADE5166_09 Datasheet HTML 149Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 145 of 156
Table 159. I2C Interrupt Status SFR (SPI2CSTAT, Address 0xEA)
Bit
Mnemonic
Default
Description
7
I2CBUSY
0
This bit is set to Logic 1 when the I2C interface is used. When set, the Tx FIFO is emptied.
6
I2CNOACK
0
I2C no acknowledgement transmit interrupt. This bit is set to Logic 1 when the slave device
does not send an acknowledgement. The I2C communication is stopped after this event.
Write a 0 to this bit to clear it.
5
I2CRxIRQ
0
I2C receive interrupt. This bit is set to Logic 1 when the receive FIFO is not empty.
Write a 0 to this bit to clear it.
4
I2CTxIRQ
0
I2C transmit interrupt. This bit is set to Logic 1 when the transmit FIFO is empty.
Write a 0 to this bit to clear it.
[3:2]
I2CFIFOSTAT
00
Status bits for 3- or 4-byte deep I2C FIFO. The FIFO monitored in these two bits is the one currently
used in I2C communication (receive or transmit) because only one FIFO is active at a time.
I2CFIFOSTAT
Result
00
FIFO empty
01
Reserved
10
FIFO half full
11
FIFO full
1
I2CACC_ERR
0
Set when trying to write and read at the same time. Write a 0 to this bit to clear it.
0
I2CTxWR_ERR
0
Set when a write is attempted when the I2C transmit FIFO is full. Write a 0 to this bit to clear it.
READ AND WRITE OPERATIONS
SCLK
SDATA
START BY
MASTER
ACK BY
SLAVE
ACK BY
MASTER
FRAME 2
DATA BYTE 1 FROM MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
19
9
1
A0
A1
A2
A3
A4
A5
A6
R/W
D0
D1
D2
D3
D4
D5
D6
D7
9
1
D0
D1
D2
D3
D4
D5
D6
D7
FRAME N + 1
DATA BYTE N FROM SLAVE
STOP BY
MASTER
NACK BY
MASTER
Figure 114. I2C Read Operation
SCLK
SDATA
START BY
MASTER
ACK BY
SLAVE
ACK BY
SLAVE
FRAME 2
DATA BYTE 1 FROM MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
19
1
9
STOP BY
MASTER
A0
A1
A2
A3
A4
A5
A6
R/W
D0
D1
D2
D3
D4
D5
D6
D7
Figure 115. I2C Write Operation
Figure 114 and Figure 115 depict I2C read and write operations,
respectively. Note that the LSB of the I2CADR SFR (Address 0xE9)
is used to select whether a read or write operation is performed
on the slave device. During the read operation, the master acknowl-
edgements are generated automatically by the I2C peripheral. The
master-generated no acknowledge (NACK) before the end of
a read operation is also automatically generated after the I2CRCT
bits in the I2CMOD SFR (Address 0xE8[4:0]) have been read from
the slave. If the I2CADR register is updated during a transmission,
the master generates a start condition instead of a stop at the end
of the read or write operation and then continues with the next
communication.
Reading the SPI/I2C Receive Buffer SFR (SPI2CRx,
Address 0x9B)
Reading the SPI2CRx SFR should be done with a 2-cycle
instruction, such as
Mov a, spi2crx or Mov R0, spi2crx
.
A 3-cycle instruction, such as
Mov 3dh, spi2crx
does not transfer the right data into RAM Address 0x3D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com