Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 144 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 144 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 140Page - Analog Devices ADE5166_09 Datasheet HTML 141Page - Analog Devices ADE5166_09 Datasheet HTML 142Page - Analog Devices ADE5166_09 Datasheet HTML 143Page - Analog Devices ADE5166_09 Datasheet HTML 144Page - Analog Devices ADE5166_09 Datasheet HTML 145Page - Analog Devices ADE5166_09 Datasheet HTML 146Page - Analog Devices ADE5166_09 Datasheet HTML 147Page - Analog Devices ADE5166_09 Datasheet HTML 148Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 144 of 156
I2C-COMPATIBLE INTERFACE
The ADE5166/ADE5169/ADE5566/ADE5569 support a fully
licensed I2C interface. The I2C interface is implemented as a full
hardware master.
SDATA (P0.4/MOSI/SDATA) is the data I/O pin, and SCLK
(P0.6/SCLK/T0) is the serial clock. These two pins are shared with
the MOSI and SCLK pins of the on-chip SPI interface. Therefore,
the user can enable only one interface at a time on these pins. The
SCPS bit in the configuration SFR (CFG, Address 0xAF[5]) selects
which peripheral is active.
The two pins used for data transfer, SDATA and SCLK, are
configured in a wire-AND format that allows arbitration in a
multimaster system.
The transfer sequence of an I2C system consists of a master device
initiating a transfer by generating a start condition while the bus
is idle. The master transmits the address of the slave device and
the direction of the data transfer in the initial address transfer. If
the slave acknowledges, the data transfer is initiated. This continues
until the master issues a stop condition and the bus becomes idle.
SERIAL CLOCK GENERATION
The I2C master in the system generates the serial clock for a
transfer. The master channel can be configured to operate in
fast mode (256 kHz) or in standard mode (32 kHz).
The bit rate is defined in the I2CMOD SFR (Address 0xE8)
as follows:
]
0
:
1
[
2
2
16
CR
I
CORE
SCLK
f
f
×
=
SLAVE ADDRESSES
The I2C slave address SFR (I2CADR, Address 0xE9) contains
the slave device ID. The LSB of this register contains a read/write
request. A write to this SFR starts the I2C communication.
I2C REGISTERS
The I2C peripheral interface consists of five SFRs.
•
I2CMOD
•
SPI2CSTAT
•
I2CADR
•
SPI2CTx
•
SPI2CRx
Because the SPI and I2C serial interfaces share the same pins,
they also share the same SFRs, such as the SPI2CTx and SPI2CRx
SFRs. In addition, the I2CMOD, I2CADR, and SPI2CSTAT SFRs
are shared with the SPIMOD1, SPIMOD2, and SPISTAT SFRs,
respectively.
Table 156. I2C SFR List
SFR Address
Mnemonic
R/W
Length
Default
Description
0x9A
SPI2CTx
W
8
SPI/I2C transmit buffer (see Table 151).
0x9B
SPI2CRx
R
8
0
SPI/I2C receive buffer (see Table 152).
0xE8
I2CMOD
R/W
8
0
I2C mode (see Table 157).
0xE9
I2CADR
R/W
8
0
I2C slave address (see Table 158).
0xEA
SPI2CSTAT
R/W
8
0
I2C interrupt status (see Table 159).
Table 157. I2C Mode SFR (I2CMOD, Address 0xE8)
Bit
Bit Address
Mnemonic
Default
Description
7
0xEF
I2CEN
0
I2C enable bit. When this bit is set to Logic 1, the I2C interface is enabled. A write to the
I2CADR SFR (Address 0xE9) starts a communication.
[6:5]
0xEE to 0xED
I2CR
00
I2C SCLK frequency.
I2CR
Result
00
fCORE/16 = 256 kHz if fCORE = 4.096 MHz
01
fCORE/32 = 128 kHz if fCORE = 4.096 MHz
10
fCORE/64 = 64 kHz if fCORE = 4.096 MHz
11
fCORE/128 = 32 kHz if fCORE = 4.096 MHz
[4:0]
0xEC to 0xE8
I2CRCT
00000
Configures the length of the I2C received FIFO buffer. The I2C peripheral stops when
I2CRCT[4:0] + 1 byte have been read, or if an error occurs.
Table 158. I2C Slave Address SFR (I2CADR, Address 0xE9)
Bit
Mnemonic
Default
Description
[7:1]
I2CSLVADR
0
Address of the I2C slave being addressed. Writing to this register starts the I2C transmission (read or write).
0
I2CR_W
0
Command bit for read or write. When this bit is set to Logic 1, a read command is transmitted on the
I2C bus. Data from the slave in the SPI2CRx SFR (Address 0x9B) is expected after a command byte.
When this bit is set to Logic 0, a write command is transmitted on the I2C bus. Data to the slave is
expected in the SPI2CTx SFR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com