Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC107 Datasheet(PDF) 49 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 49 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 45Page - Pixart Imaging Inc. PAC107 Datasheet HTML 46Page - Pixart Imaging Inc. PAC107 Datasheet HTML 47Page - Pixart Imaging Inc. PAC107 Datasheet HTML 48Page - Pixart Imaging Inc. PAC107 Datasheet HTML 49Page - Pixart Imaging Inc. PAC107 Datasheet HTML 50Page - Pixart Imaging Inc. PAC107 Datasheet HTML 51Page - Pixart Imaging Inc. PAC107 Datasheet HTML 52Page - Pixart Imaging Inc. PAC107 Datasheet HTML 53Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
49
PixArt Imaging Inc.
E-mail:
fae_service@pixart.com.tw
V1.4, Aug, 2005
7. Lens Information
7.1 Lens for 48-pin LCC package-1
7.1.1 Lens
DIGITAL IMAGING LENS
Model No: PNL0263226C-P
Lens Specification :
EFL (f) (Focal Length): 2.80 mm
BFL (Back Focal Length) : 2.50 mm
Flange Back Focal Length : 1.50 mm
F/# : 2.6
Diagonal field of view : 32
Distortion : < -3.5%
Lens Construction : 1Plastic & 1 Filter
Mount : M7 x P0.5 mm
IR Cut-off Filter : 650+/-10 nm @ T50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com