Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC107 Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 17Page - Pixart Imaging Inc. PAC107 Datasheet HTML 18Page - Pixart Imaging Inc. PAC107 Datasheet HTML 19Page - Pixart Imaging Inc. PAC107 Datasheet HTML 20Page - Pixart Imaging Inc. PAC107 Datasheet HTML 21Page - Pixart Imaging Inc. PAC107 Datasheet HTML 22Page - Pixart Imaging Inc. PAC107 Datasheet HTML 23Page - Pixart Imaging Inc. PAC107 Datasheet HTML 24Page - Pixart Imaging Inc. PAC107 Datasheet HTML 25Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
21
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
SM0_1: Serial port mode control Set/cleared by software
SM2_1: Set by software to disable reception of frames for which bit8 zero
REN_1: Receiver enable bit. Set/cleared by software.
TB8_1: Set/Cleared by hardware. The state of 9
th bit transmitted in 9-bit mode
RB8_1: Set/cleared by hardware to indicate state of ninth data bit received
TI_1: Transmit Interrupt flag.
Set by hardware when byte transmitted. Cleared by software after serving.
RI_1: Received Interrupt flag.
Set by hardware when byte received. Cleared by software after serving.
SM1_1: SM2_1 SELECT
00: Shift reg. I/O expansion
01: 8 bit UART, variable data rate
10: 9 bit UART, fixed data rate
11: 9 bit UART, variable data rate
SCON
Address: 98H
bit 7
bit 0
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
FE: Framing Error Bit.
Set by receiver when an invalid stop bit is detected.
The FE bit is not cleared by valid frames but should be cleared by software.
The "SMOD0" bit must be set to enable access to the FE.
SM0, SM1: Serial port operation mode specifier.
SM0 SM1 Mode
Description
Baud rate
0
0
0
Shift register.
Fosc/12
0
1
1
8 bit UART,
Variable data rate
1
0
2
9 bit UART,
Fosc/32 or Fosc/64
1
1
3
9 bit UART,
Variable data rate
SM2: Enable the multiprocessor communication feature in mode 2 & 3. In mode 2 or 3, if
SM2 is set to 1 then RI will not be activated if the received 9
th data bit (RB8) is 0. In mode
1, if SM2=1 then RI will not be activated if a valid stop bit was not received. In mode0,
SM2 should be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com