Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC107 Datasheet(PDF) 33 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 33 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 29Page - Pixart Imaging Inc. PAC107 Datasheet HTML 30Page - Pixart Imaging Inc. PAC107 Datasheet HTML 31Page - Pixart Imaging Inc. PAC107 Datasheet HTML 32Page - Pixart Imaging Inc. PAC107 Datasheet HTML 33Page - Pixart Imaging Inc. PAC107 Datasheet HTML 34Page - Pixart Imaging Inc. PAC107 Datasheet HTML 35Page - Pixart Imaging Inc. PAC107 Datasheet HTML 36Page - Pixart Imaging Inc. PAC107 Datasheet HTML 37Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
33
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
reload/capture registers (RCAP2H, RCAP2L) into the timer registers (TH2, TL2). The
values in RCAP2H and RCAP2L are preset by software.
If EXEN2 = 1, the timer registers are reloaded by either a timer overflow or a high-to-low
transition at external input T2EX. This transition also sets the EXF2 bit in the T2CON
register. Either TF2 or EXF2 bit can generate a timer 2 interrupt request. TR2 must be
enabled when
running this mode.
Up/Down Counter Operation
When DCEN = 1, timer 2 operates as an up/down counter. External pin T2EX controls the
direction of the count. When T2EX is high, timer 2 counts up. The timer overflow occurs at
FFFFH which sets the timer 2 overflow flag (TF2) and generates an interrupt request. The
overflow also causes the 16-bit value in RCAP2H and RCAP2L to be loaded into the timer
registers TH2 and TL2.
When T2EX is low, timer 2 counts down. Timer underflow occurs when the count in the
timer registers (TH2, TL2) equals the value stored in RCAP2H and RCAP2L. The
underflow sets the TF2 bit and reloads FFFFH into the timer registers.
The EXF2 bit toggles when timer 2 overflows or underflows changing the direction of the
count. When timer 2 operates as an up/down counter, EXF2 does not generate an interrupt.
This bit can be used to provide 17-bit resolution. TR2 must be enabled when running this
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com