Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC107 Datasheet(PDF) 44 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 44 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 40Page - Pixart Imaging Inc. PAC107 Datasheet HTML 41Page - Pixart Imaging Inc. PAC107 Datasheet HTML 42Page - Pixart Imaging Inc. PAC107 Datasheet HTML 43Page - Pixart Imaging Inc. PAC107 Datasheet HTML 44Page - Pixart Imaging Inc. PAC107 Datasheet HTML 45Page - Pixart Imaging Inc. PAC107 Datasheet HTML 46Page - Pixart Imaging Inc. PAC107 Datasheet HTML 47Page - Pixart Imaging Inc. PAC107 Datasheet HTML 48Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
44
PixArt Imaging Inc.
E-mail:
fae_service@pixart.com.tw
V1.4, Aug, 2005
5. Electrical Specifications
DC Electrical Characteristics
(VDD=3.0V±20%, Ta=10°C~40°C )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Type :PWR
VDD
Analog and digital operating voltage
2.4
3.0
3.6
V
ICC1f
Operation Current of full function, full speed
30
mA
ICC1m
Operation Current of full function, 14.3181Mhz
14
mA
ICC2f
Operation Current of MCU, Sensor shut down
24
30
mA
ICC2m
Operation Current of MCU, Sensor shut down
8
14
mA
ICC3
Power down MCU, Sensor alive
2.5
6
8
mA
Type :IN & I/O Reset and SYSCLK
VIH
Input voltage HIGH
2.0
VDD
V
VIL
Input voltage LOW
0
0.8
V
Cin
Input capacitor
10
pF
Ilkg
Input leakage current
TBD
uA
AC Operating Condition
Symbol
Parameter
Min.
Typ.
Max.
Unit
SYSCLK
System clock frequency
14.3181
40
MHz
SENCLK
Sensor clock frequency
4
MHz
PXCLK
Pixel clock output frequency
1.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com