Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC107 Datasheet(PDF) 32 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 32 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 28Page - Pixart Imaging Inc. PAC107 Datasheet HTML 29Page - Pixart Imaging Inc. PAC107 Datasheet HTML 30Page - Pixart Imaging Inc. PAC107 Datasheet HTML 31Page - Pixart Imaging Inc. PAC107 Datasheet HTML 32Page - Pixart Imaging Inc. PAC107 Datasheet HTML 33Page - Pixart Imaging Inc. PAC107 Datasheet HTML 34Page - Pixart Imaging Inc. PAC107 Datasheet HTML 35Page - Pixart Imaging Inc. PAC107 Datasheet HTML 36Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
32
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
RCLK and/or TCLK selects the baud rate generator mode.
Timer 2 is similar to timer 0 and timer 1. C/ 2
T
selects Fosc/12 (timer operation) or
external pin T2 (counter operation) as the timer register input. Setting TF2 to be advanced
by the selected input.
Timer 2/ Capture Mode
Timer 2 function as a 16-bit timer or counter. An overflow condition sets bit TF2 to execute
ISR. Set the external enable bit EXEN2 allows the RCAP2Hand RCAP2L registers to
report the current value in timer registers TH2 and TL2 in response to a hi-to-lo transition
at external input T2EX. The transition at T2EX also sets bit EXF2 on T2CON. The EXF2
bit, like TF2, can generate an interrupt. TR2 must be enabled in this mode.
Timer 2/ Auto-reload Mode
The auto-reload mode configures timer 2 as a 16-bit timer or event counter with automatic
reload. The timer operates an as an up counter or as an up/down counter, as determined by
the down counter enable bit (DCEN). At device reset, DCEN is cleared, so in the
auto-reload mode, timer 2 defaults to operation as an up counter. TR2 must be enabled
when running
this mode.
Up Counter Operation
When DCEN = 0, timer 2 operates as an up counter. If EXEN = 0, timer 2 counts up to
FFFFH and sets the TF2 overflow flag. The overflow condition loads the 16-bit value in the
12
0
1
XTAL1
T2
TL2
(8 Bits)
Overflow
Interrupt
Request
TH2
(8 Bits)
TF2
RCAP2H
RCAP2L
T2EX
EXF2
EXEN2
TR2
Capture
C/ T2
Timer 2:Capture Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com