Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC107 Datasheet(PDF) 20 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 20 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 16Page - Pixart Imaging Inc. PAC107 Datasheet HTML 17Page - Pixart Imaging Inc. PAC107 Datasheet HTML 18Page - Pixart Imaging Inc. PAC107 Datasheet HTML 19Page - Pixart Imaging Inc. PAC107 Datasheet HTML 20Page - Pixart Imaging Inc. PAC107 Datasheet HTML 21Page - Pixart Imaging Inc. PAC107 Datasheet HTML 22Page - Pixart Imaging Inc. PAC107 Datasheet HTML 23Page - Pixart Imaging Inc. PAC107 Datasheet HTML 24Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
20
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
(0, 0) => Default
(0, 1) => PAC107’s system clk/2
(1, 0) => PAC107’s system clk/4
(1, 1) => PAC107’s system clk/8
CKCON
Address: 8Eh
bit 7
bit 0
WDT1
WDT0
T2M
T1M
T0M
MD2
MD1
MD0
Clock Control register
WDT1, WDT0: WDT time-out counter select
0, 0 - 17 bit counter
0, 1 - 20 bit counter
1, 0 - 23 bit counter
1, 1 - 26 bit counter
T2M:
Timer2 clock = sysclk/4(T2M=1) or sysclk/12(T2M=0)
T1M:
Timer1 clock = sysclk/4(T2M=1) or sysclk/12(T2M=0)
T0M:
Timer0 clock = sysclk/4(T2M=1) or sysclk/12(T2M=0)
MD2, MD1, MD0: Insert Wait-state of MOVX
(0, 0, 0): No Wait-State
(0, 0, 1): Original + 4T
(0, 1, 0): Original + 8T
(0, 1, 1): Original + 12T
(1, 0, 0): Original + 16T
(1, 0, 1): Original + 20T
(1, 1, 0): Original + 24T
(1, 1, 1): Original + 28T
SCON1
Address: C0H
bit 7
bit 0
SM0_1/FE_1
SM1_1
SM2_1
REN_1
TB8_1
RB8_1
TI_1
RI_1
SCON_1 register
FE_1: Framing Error Bit.
Set by receiver when an invalid stop bit is detected. The FE is not cleared by valid
frames but should be clear by software. The "SMOD0" must be set to enable access
to the FE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com