Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC107 Datasheet(PDF) 41 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 41 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 37Page - Pixart Imaging Inc. PAC107 Datasheet HTML 38Page - Pixart Imaging Inc. PAC107 Datasheet HTML 39Page - Pixart Imaging Inc. PAC107 Datasheet HTML 40Page - Pixart Imaging Inc. PAC107 Datasheet HTML 41Page - Pixart Imaging Inc. PAC107 Datasheet HTML 42Page - Pixart Imaging Inc. PAC107 Datasheet HTML 43Page - Pixart Imaging Inc. PAC107 Datasheet HTML 44Page - Pixart Imaging Inc. PAC107 Datasheet HTML 45Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
41
PixArt Imaging Inc.
E-mail:
fae_service@pixart.com.tw
V1.4, Aug, 2005
In most applications, timer 1 is configured as a timer in auto-reload mode (high nibble of
TMOD = 0010B). The resulting baud rate is defined by the following expression:
Timer 1 can generate very low baud rates with the following setup:
•
Enable the timer 1 interrupt by setting the ET1 bit in the IE register.
•
Configure timer 1 to run as a 16-bit timer (high nibble of TMOD = 0001B).
•
Use the timer 1 interrupt to initiate a 16-bit software reload.
Timer 2 Generated Baud Rates (Modes 1 and 3)
Timer 2 may be selected as the baud rate generator for the transmitter and/or receiver. The
timer 2 baud rate generator mode is similar to the auto-reload mode. A rollover in the TH2
register reloads registers TH2 and TL2 with the 16-bit value on registers RCAP2H and
RCAP2L, which are preset by software.
The timer 2 baud rate is expressed by the following formula:
Selecting Timer 2 as the Baud Rate Generator
Program the RCLCK and TCLCK bits in the T2CON. A rollover in the TH2 register does
not set the TF2 bit in the T2CON register. And a high-to-low transition at T2EX pin sets the
EXF2 bit in the T2CON register but does not cause a reload from (RCAP2H, RCAP2L) to
(TH2, TL2). TT2EX pin cab be used as an additional external interrupt by setting the
EXEN2 bit in T2CON.
NOTE
: Please turn off the timer before accessing registers TH2, TL2, RCAP2H, and
RCAP2L(clear the TR2 bit in the T2CON register).
You may configure timer 2 as a timer or a counter. In most applications, it is configured for
timer operation (i.e., the C/T2 bit is clear in the T2CON register).
Selecting the Baud Rate Generator(s)
2
SMOD
Fosc
32 X 12 X [256 - (Th1)]
Sreial I/O Mode 1 and 3 Baud Rate
Timer 2 Onerflow Rate
16
Sreial I/O Mode 1 and 3 Baud Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com