Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC107 Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 9Page - Pixart Imaging Inc. PAC107 Datasheet HTML 10Page - Pixart Imaging Inc. PAC107 Datasheet HTML 11Page - Pixart Imaging Inc. PAC107 Datasheet HTML 12Page - Pixart Imaging Inc. PAC107 Datasheet HTML 13Page - Pixart Imaging Inc. PAC107 Datasheet HTML 14Page - Pixart Imaging Inc. PAC107 Datasheet HTML 15Page - Pixart Imaging Inc. PAC107 Datasheet HTML 16Page - Pixart Imaging Inc. PAC107 Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
13
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
Timer 2 Control Register.
TF2:
Timer2 Overflow flag. Cleared by software. TF2 can not be set when RCLK=1or
TCLK=1.
EXF2:
Timer 2 external flag. Set when either a capture or reload is caused by a negative
transition on T2EX, EXEN2=1. When Timer2 interrupt is enabled, EXF2=1 will
cause the CPU to vector of Timer2 ISR. EXF2 must be cleared by software.
RCLK: Receive Clock flag. Selects timer 2 overflow pulses (RCLK=1) or timer
1overfiow pulses (RCLK=0) as the baud rate generator for UART modes 1 & 3.
TCLK: Transmit Clock flag. Select Timer2 overflow pulses (TCLK=1) or timer 1
overflow pulses (TCLK=0) as the baud rate generator for serial port modes 1 & 3.
EXEN2:Timer 2 External Enable flag. EXEN2=1: Capture or reload when a negative
transition on T2EX unless timer 2 is being used as the baud rate generator for the
serial port. Clearing EXEN2 causes timer 2 to ignore events at T2EX.
TR2:
Timer 2 Run Control flag. Setting this bit starts the timer.
C/ 2
T
: Timer 2 Counter/Timer Select
C/ 2
T
= 0 Timer 2 counts the divided-down system clock.
C/ 2
T
= 1 Timer 2 counts when external pin T2 goes low.
CP/
2
RL
: Capture/Reload Bit
CP/
2
RL
=1: (if EXEN2=1), captures occurred at negative edge of T2EX.
CP/
2
RL
=0: (if EXEN2=1), auto-reloads occurred at negative edge of T2EX or
when Timer 2 overflowed.
(if RCLK =1 or TCLK = 1).CP/
2
RL
is ignored and timer 2 is auto-reloaded
when timer 2 overflow,
Timer 2 Mode Control Register.
Bit7-Bit2: Reserved
T2OE:
Timer 2 Output Enable flag. In the timer 2 clock-out mode, connects the
programmable clock output to external pin T2.
DCEN:
Down Count Enable flag. Configures timer 2 as an up/down counter.
T2MOD
Address:C9h
bit 7
bit 0
T2OE
DCEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com