Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC107 Datasheet(PDF) 35 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 35 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 31Page - Pixart Imaging Inc. PAC107 Datasheet HTML 32Page - Pixart Imaging Inc. PAC107 Datasheet HTML 33Page - Pixart Imaging Inc. PAC107 Datasheet HTML 34Page - Pixart Imaging Inc. PAC107 Datasheet HTML 35Page - Pixart Imaging Inc. PAC107 Datasheet HTML 36Page - Pixart Imaging Inc. PAC107 Datasheet HTML 37Page - Pixart Imaging Inc. PAC107 Datasheet HTML 38Page - Pixart Imaging Inc. PAC107 Datasheet HTML 39Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
35
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
The input clock advances TL0 at frequency of Fosc/2. The timer repeatedly counts to
overflow from a preloaded value. At overflow, the contents of the RCAP2H and RCAP2L
registers are loaded into TH2/TL2. In this mode, timer 2 overflows do not generates
interrupts. The formula gives the clock-out frequency as a function of the system oscillator
frequency and the value in the RCAP2H and RCAP2L registers:
Watchdog Timer
The watchdog timer has system reset functions. By setting WD1-1, WD1-0 (CKCON, 8Eh)
to choose
17
2,
20
2,
23
2or
26
2
counter for Watchdog Timer. As the Watchdog Timer
overflow, sets WDTRSTFg (in register WDCON, D8h) and finally resets the MCU. If
MCU is reset by watchdog Timer , WDTRSTFg remains one and POR (in register
WDCON, D8h) is zero. On the other hand, if RISC 52 has been power-on reset,
WDTRSTFg is zero and POR one.
Clock-out Frequency = 4X(65536 - RCAP2H, RCAP2L)
Fosc
Mode
Auto-reload Mode
Capture Mode
Baud Rate Generator Mode
Programmable Clock-Out
RCLK OR TCLK
(in T2COON)
CP/RL2#
(in T2MOD)
T2OE
(in T2MOD)
0
0
1
X
0
1
X
0
0
0
X
1
Timer 2 Modes of Operation
T2OE
XTAL1
TR2
T2
0
1
TL2
(8 Bits)
Overflow
TH2
(8 Bits)
RCAP2H
RCAP2L
2
2
Interrupt
Request
EXF2
EXEN2
T2EX
C/ T2
Timer 2: Clock Out Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com