Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC107 Datasheet(PDF) 26 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 26 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 22Page - Pixart Imaging Inc. PAC107 Datasheet HTML 23Page - Pixart Imaging Inc. PAC107 Datasheet HTML 24Page - Pixart Imaging Inc. PAC107 Datasheet HTML 25Page - Pixart Imaging Inc. PAC107 Datasheet HTML 26Page - Pixart Imaging Inc. PAC107 Datasheet HTML 27Page - Pixart Imaging Inc. PAC107 Datasheet HTML 28Page - Pixart Imaging Inc. PAC107 Datasheet HTML 29Page - Pixart Imaging Inc. PAC107 Datasheet HTML 30Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
26
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
4. ON-CHIP PERIPHERALS
4.1 Interrupts
Interrupt Source
Request Flag
Priority Flag
Enable Flag
Vector
Address
Priority-
Within-Level
Flog Cleared by
Hardware?
External Request
IE0/TCON.1
PX0/IP.0
EX0/IE.0
0003h
1
Edge-Yes
Level-No
Internal Timer0/Counter0
TF0/TCON.5
PT0/IP.1
ET0/IE.1
000Bh
2
Yes
External Request
IE1/TCON.3
PX1/IP.2
EX1/IE.2
0013h
3
Edge-Yes
Level-No
Internal Timer1/Counter1
TF1/TCON.7
PT1/IP.3
ET1/IE.3
001Bh
4
Yes
Xmit
Ti/SCON.1
Internal Serial Port
Rcvr
RI/SCON.0
PS/IP.4
ES/IE.4
0023h
5
No
TF2/T2CON.7
Internal Timer2/Counter2
EXF2/TSCON.6
PT2/IP.5
ET2/IE.5
002Bh
6
No
Interrupt System Table
External Interrupt
External Interrupt
0
INT
is modified as a Sensor control pin. The
1
INT
pins can be
0
1
TF0
0
1
IE0
Timer 0
EA
EX0
ET0
EX1
Interrupt Enable
IP
Priority Enable
Highest
Priority
Interrupt
Interrupt Control System Configuration
INT1
INT0
IT0
IT1
PFI
Power Fail Detector
IE1
Timer 1
TF1
ET1
RI
TI
Receive
Transmit
ES
ET2
EXF2
TF2
Timer 2
T2EX
EPFI
PX0
PT0
PX1
PT1
PS
PT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com