Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC107 Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 7Page - Pixart Imaging Inc. PAC107 Datasheet HTML 8Page - Pixart Imaging Inc. PAC107 Datasheet HTML 9Page - Pixart Imaging Inc. PAC107 Datasheet HTML 10Page - Pixart Imaging Inc. PAC107 Datasheet HTML 11Page - Pixart Imaging Inc. PAC107 Datasheet HTML 12Page - Pixart Imaging Inc. PAC107 Datasheet HTML 13Page - Pixart Imaging Inc. PAC107 Datasheet HTML 14Page - Pixart Imaging Inc. PAC107 Datasheet HTML 15Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
11
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
3.2. Special Function Register Table
The Special Function Register address space is from 80h to FFh. All registers except the
Program Counter and the four 8-Register Banks reside here. The SFRs are accessed by
using direct addressing only. All of the SFRs are the compatible with standard 8032 with
Image Sensor control registers. The SFR in red color are those different with standard
8032.
F8H
F0H
B
PWM21conf
PWM11conf
E8H
CdInsWtSt
I2C
PixSt
Cap
E0H
ACC
PDCON
Vstart
Vend
Hstart
Hend
D8H
WDTCON
PWM2conf PWM1conf
PWMData1
PWMData2
D0H
PSW
C8H
T2CON
T2MOD
RCAP2L
RCAP2H
TL2
TH2
C0H
SCON1
SBUF1
PMR
STATUS
B8H
IP
B0H
P3
A8H
IE
A0H
P2
98H
SCON
SBUF
90H
P1
88H
TCON
TMOD
TL0
TL1
TH0
TH1
CKCON
80H
P0
SP
DPL
DPH
DPL1
DPH1
DPS
PCON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com