Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC107 Datasheet(PDF) 22 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 22 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 18Page - Pixart Imaging Inc. PAC107 Datasheet HTML 19Page - Pixart Imaging Inc. PAC107 Datasheet HTML 20Page - Pixart Imaging Inc. PAC107 Datasheet HTML 21Page - Pixart Imaging Inc. PAC107 Datasheet HTML 22Page - Pixart Imaging Inc. PAC107 Datasheet HTML 23Page - Pixart Imaging Inc. PAC107 Datasheet HTML 24Page - Pixart Imaging Inc. PAC107 Datasheet HTML 25Page - Pixart Imaging Inc. PAC107 Datasheet HTML 26Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
22
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
Mode
SCON
SM2 VARIATION
0
10H
1
50H
2
90H
3
D0H
Single Processor
Equivalent
(SM2=0)
0
10H
1
50H
2
90H
3
D0H
Multi Processor
Equivalent
(SM2=1)
REN: Set/cleared by software to enable/disable reception.
TB8: The 9
th bit that will be transmitted in mode 2 & 3. Set/clear by software.
RB8: The 9
th bit in mode 2 & 3. In mode 1, if SM2=0, RB8 is the stop bit that was received.
In mode0, RB8 is not used.
TI: Transmit Interrupt flag. Set by hardware at the end of 8
th bit time in mode0, or at the
beginning of the stop bit in other modes. Must be cleared by software.
RI: Receive Interrupt flag. Set by hardware at the end of 8
th bit time in mode0, or halfway
through the stop bit time in other modes (except see SM2). Must be cleared by
software.
Status
Address: C5h
bit 7
bit 0
(R1)
HIP
LIP
(R2)
SPTA1
SPRA1
SPTA0
SPRA0
(R1) : Power Fail Priority Interrupt Status
HIP : High Priority Interrupt Status
LIP : Low Priority Interrupt Status
(R2) : Crystal OSC Warm-up Status
SPTA1: Serial Port1 Transmit Activity Monitor
SPRA1: Serial Port1 Receive Activity Monitor
SPTA0: Serial Port0 Transmit Activity Monitor
SPRA0: Serial Port0 Receive Activity Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com