Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC107 Datasheet(PDF) 29 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 29 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 25Page - Pixart Imaging Inc. PAC107 Datasheet HTML 26Page - Pixart Imaging Inc. PAC107 Datasheet HTML 27Page - Pixart Imaging Inc. PAC107 Datasheet HTML 28Page - Pixart Imaging Inc. PAC107 Datasheet HTML 29Page - Pixart Imaging Inc. PAC107 Datasheet HTML 30Page - Pixart Imaging Inc. PAC107 Datasheet HTML 31Page - Pixart Imaging Inc. PAC107 Datasheet HTML 32Page - Pixart Imaging Inc. PAC107 Datasheet HTML 33Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
29
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
4.2 TIMER/COUNTERS
Timer 0
Timer 0 can be a timer or event counter in four modes of operation. It’s controlled by the
high-nibble of the TMOD register and bits 5, 4, 1, and 0 of the TCON register. The TMOD
register selects the method of timer gating (GATE), timer or counter operation (C/ T ), and
mode of operation (M1, M0). The TCON register provides timer 0 control functions:
overflag (TF0), run control (TR0), interrupt flag (IE0), and interrupt type control (IT0). For
normal timer operation (GATE = 0), setting TR0 allows TL0 to be incremented by the
selected input. Setting GATE and TR0 allows
0
INT
to control timer operation.
Timer0/Mode 0 (13-bit Timer)
Mode 0 configures timer 0 as a 13-bit timer which is set up as an 8-bit timer (TH0 register)
with a modulo 32 pre-scalar implemented with the lower five bits of the TL0 register. The
upper three bits of TL0 register are indeterminate and should be ignored. Pre-scalar
overflow increments the TH0 register.
Timer 0/ Mode 1 (16-bit Timer)
Mode 1 configures timer 0 as a 16-bit timer with TH0 and TL0 connected in cascade.
The selected input increments TL0.
Timer 0/ Mode 2 (8-bit Timer With Auto-reload)
12
0
1
XTAL1
Tx
THx
(8 Bits)
TLx
(8 Bits)
Overflow
Interrupt
Request
TFx
GATEx
TRx
x = 0 or 1
Mode 0: 13-bit Time/Counter
Mode 1: 16-bit Time/Counter
C/ Tx
INTx
Timer 0/1 in Mode 0 and Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com