Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC107 Datasheet(PDF) 28 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 28 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 24Page - Pixart Imaging Inc. PAC107 Datasheet HTML 25Page - Pixart Imaging Inc. PAC107 Datasheet HTML 26Page - Pixart Imaging Inc. PAC107 Datasheet HTML 27Page - Pixart Imaging Inc. PAC107 Datasheet HTML 28Page - Pixart Imaging Inc. PAC107 Datasheet HTML 29Page - Pixart Imaging Inc. PAC107 Datasheet HTML 30Page - Pixart Imaging Inc. PAC107 Datasheet HTML 31Page - Pixart Imaging Inc. PAC107 Datasheet HTML 32Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
28
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
Interrupt Priority
PAC107 has 2 level priorities. Setting / clearing a bit in the Interrupt Priority register (IP)
or Extent Interrupt Priority register (EIP) established its associated interrupt request as a
high / low priority. If a low-priority level interrupt is being serviced, a high-priority level
interrupt will interrupt it. However, an interrupt source cannot interrupt a service program
of the same or higher level. The interrupt priority is shown on Interrupt Control System
Configuration.
Interrupt Response Time
The minimum interrupt response time is eight clocks that when an interrupt request asserts
as last instruction executed. The maximum interrupt response time is 24 clocks. DJNZ
direct, rel or others instruction sets which operation period is 16 clocks, is decoded ok.
When a high priority interrupt asserts during a low priority interrupt service program, the
minimum and maximum interrupt response times are 8 clocks and 24 clocks.
OSC
Call ISR
Push PC
Ending Instructions
Interrupt Vector address
Interrupt Response Time
Interrupt Response Time
INT0 or INT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com