Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC107 Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 12Page - Pixart Imaging Inc. PAC107 Datasheet HTML 13Page - Pixart Imaging Inc. PAC107 Datasheet HTML 14Page - Pixart Imaging Inc. PAC107 Datasheet HTML 15Page - Pixart Imaging Inc. PAC107 Datasheet HTML 16Page - Pixart Imaging Inc. PAC107 Datasheet HTML 17Page - Pixart Imaging Inc. PAC107 Datasheet HTML 18Page - Pixart Imaging Inc. PAC107 Datasheet HTML 19Page - Pixart Imaging Inc. PAC107 Datasheet HTML 20Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
16
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
IE1: Interrupt 1 Edge Detect. Set by hardware when interrupted at pin-
1
INT
. Cleared when
ISR is processed for edge-triggered.
IT1: Interrupt 1 Trigger Type Selection Bit.
IT1=1: Edge-triggered (hi-to-lo). IT1=0: Level-triggered (active low).
IE0: Interrupt 0 Edge Detect. Set by hardware when interrupted at pin-
0
INT
. Cleared when
ISR is processed for edge-triggered.
IT0: Interrupt 0 Trigger Type Selection Bit.
IT0=1: Edge-triggered (hi-to-lo). IT0=0: Level-triggered (active low).
Timer/Counter Mode Control Register.
GATE (TMOD.7 or TMOD.3): Timer1/Timer0 toggling gate control
When TRx(in TCON) is set and GATE=1, TIMER/COUNTERx will run only while
INTx pin is high(hardware control). When GATE=0, Timer/Counterx will run only
while TRx=1(software control).
C/ T : Timer or Counter Selector
C/ T = 0: Timer operation: TIMERx(input from internal system clock).
C/ T = 1: Counter operation: COUNTERx counts at falling-edge of Pin-Tx.
M1 (TMOD.5), M0 (TMOD.4) :Mode select of Timer 1
M1 M0 MODE
Operation
0
0
0
1 bit Timer. 8-bit Timer/Counter (THx) with 5-bit pre-scalar (TLx)
0
1
1
16-bit Timer/Counter
1
0
2
8-bit auto-reload Timer/Counter. Reload from THx when overflow.
1
1
3
(Timer 0) TL0 is an 8-bit Timer and is controlled by Timer 1 control bits.
1
1
3
(Timer 1) Timer/Counter 1 is stopped.
TMOD
Address:89h
bit 7
bit 0
GATE
M1
M0
GATE
M1
M0
TIMER1
TIMER0
C/T
C/T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com