Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC107 Datasheet(PDF) 36 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 36 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 32Page - Pixart Imaging Inc. PAC107 Datasheet HTML 33Page - Pixart Imaging Inc. PAC107 Datasheet HTML 34Page - Pixart Imaging Inc. PAC107 Datasheet HTML 35Page - Pixart Imaging Inc. PAC107 Datasheet HTML 36Page - Pixart Imaging Inc. PAC107 Datasheet HTML 37Page - Pixart Imaging Inc. PAC107 Datasheet HTML 38Page - Pixart Imaging Inc. PAC107 Datasheet HTML 39Page - Pixart Imaging Inc. PAC107 Datasheet HTML 40Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
36
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
4.3 SERIAL I/O PORT
Both synchronous and asynchronous communication modes are provided in the serial I/O
port. It operates as UART in three full-duplex modes (modes 1, 2, and 3). Asynchronous
transmission and reception can occur simultaneously and at different baud rates. The serial
port also operates in a single synchronous mode (mode 0).
Mode 0 – Synchronous mode: operates at a single baud rate.
Mode 1 - operate over a wide range of baud rate generated by timer 1 and timer 2.
Mode 2 - operates at two baud rates.
Mode 3 - operate over a wide range of baud rates generated by timer 1 and timer 2.
Asynchronous modes, Pin-TXD: transmits. Pin-RXD: receives.
Synchronous mode (mode 0), Pin-TXD: clock output. Pin-RXD: sends and receives data.
SBUF holds received data byte and data to be transmitted, actually consists of two buffers.
The receive shift register allows reception of a second byte before the byte be read from
SBUF. And the 1
st byte will be override by 2nd byte if software doesn’t read it. the UART
sets interrupt bits TI and RI for transmission and reception, respectively. Both of these two
bits share a same interrupt vector.
Watchdog Timer 1
Reset
RWT
EWT
XTAL 1
overflow
Counter
WD1-1 WD1-0
Counting
00
0
0
1
1
11
17
2
20
2
23
2
26
2
WDTRSTFg
0000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com