Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10HSI-S008-R0-C Datasheet(PDF) 45 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 45 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 41Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 42Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 43Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 44Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 45Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 46Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 47Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 48Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 49Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 45
Figure 72 Base case 1, 2 and full channel eye diagram at receiver input for 20Gbps data rate with routing on layer 16 and 6
FEXT for 50% pin density configuration
Timing Jitter (ps)
Eye Height (mV)
Data Rate
(Gbps)
IT3
Base Case 1
ΔIT3
ΔIT3 (%)
IT3
Base Case 1
ΔIT3
ΔIT3 (%)
5
14.55
11.80
2.75
1.38
1024.61
1131.88
-107.27
-9.48
6.25
15.12
11.64
3.48
2.18
914.79
1024.59
-109.80
-10.72
10
16.95
10.69
6.26
6.26
638.60
773.19
-134.59
-17.41
12.5
19.18
11.26
7.92
9.90
480.25
639.75
-159.50
-24.93
20
18.07
11.78
6.29
12.58
202.93
403.74
-200.81
-49.74
Table 18 Comparison of eye height and timing fuzz between full channel and Base Case 1 at the receiver’s input with 6 FEXT for
50% pin density configuration
Timing Jitter (ps)
Eye Height (mV)
Data Rate
(Gbps)
IT3
Base Case 2
ΔIT3
ΔIT3 (%)
IT3
Base Case 2
ΔIT3
ΔIT3 (%)
5
14.55
14.80
-0.25
-0.13
1024.61
1042.45
-17.84
-1.71
6.25
15.12
14.61
0.51
0.32
914.79
939.36
-24.57
-2.62
10
16.95
12.47
4.48
4.48
638.60
689.11
-50.51
-7.33
12.5
19.18
13.84
5.34
6.68
480.25
559.63
-79.38
-14.18
20
18.07
15.91
2.16
4.32
202.93
296.02
-93.09
-31.45
Table 19 Comparison of eye height and timing fuzz between full channel and Base Case 2 at the receiver’s input with 6 FEXT for
50% pin density configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com