Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10HSI-S008-R0-C Datasheet(PDF) 35 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 35 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 31Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 32Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 33Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 34Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 35Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 36Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 37Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 38Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 39Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 35
Figure 59 TDR and TDT waveforms @120ps rise time (20% to 80%) and 2.625GHz BW for pair 4 of IT3-32mm for 50%
pin density configuration
20% TO 80% RISE TIME
(PS)
WORST PAIR-TO-PAIR
NEXT (%)
WORST PAIR-TO-PAIR FEXT
(%)
30
0.082
0.142
60
0.045
0.082
120
0.023
0.042
Table 9 Summary of Time-domain SDD for pair 4 of IT3-32mm for 50% pin density configuration
3.2.4 Time-Domain Crosstalk (connector only)
The total differential cross-talk values in % for at 60ps (20% to 80%) rise time and 5.25GHz
bandwidth for center pair 8 of the fully populated model and, pair 4 for 60% and 50% pin density
are shown in Figure 60, Figure 61 and Figure 62.
The outer column (top row as portrait in Figure 60) exhibits higher crosstalk as it is only
surrounded by one ground plane.
3.2.4.1 Fully populated pin assignment
Figure 60 Differential cross-talk (in %) from simulations for center pair 8 and step input @ 60ps (20% to 80%) rise time and
5.25GHz BW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com