Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10HSI-S008-R0-C Datasheet(PDF) 36 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 36 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 32Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 33Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 34Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 35Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 36Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 37Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 38Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 39Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 40Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 36
3.2.4.2 60% density pin assignment
Figure 61 Differential cross-talk (in %) from simulations for pair 4 of 60% pin density configuration and step input @ 60ps (20%
to 80%) rise time and 5.25GHz BW
3.2.4.3 50% density pin assignment
Figure 62 Differential cross-talk (in %) from simulations for pair 4 of 50% pin density configuration and step input @ 60ps (20%
to 80%) rise time and 5.25GHz BW
3.2.5 System Voltage and Timing Margins
To demonstrate the IT3’s performance, we ran simulations for the following setup:
Ideal voltage source with package via.
Center pair of the IT3 connector with via transition in the 16th PCB routing layer.
152.4mm (6 inches) PCB trace from driver to IT3 connector, and 152.4mm (6 inches)
PCB trace from IT3 connector to receiver, including via transition to the receiver.
The 16th routing layer was chosen to demonstrate that the channel works even with long via
stubs of ~60mil, which allows for more design flexibility.
Note: Since the time steps used for the simulations were of 1ps, the timing jitter values have an
error margin of 1ps. The eye height is defined as the absolute maximum eye opening.
3.2.5.1 Fully populated pin assignment
The full channel includes package-via models without crosstalk effects at the transmitter and
receiver. The following eye diagrams account for these package-via effects, which are not included
in the channel model defined in the IEEE 802.3ap spec. For the center-pair channel, the models for
package via and connector via are identical (i.e. same via stub length).
Table 10, Table 11 and Table 12 show the optimized tap coefficients for the maximum eye
opening at various data rates for the channel without the connector and connector vias (Base Case
1), for the channel without the connector only (Base Case 2), and for the full channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com