Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10HSI-S008-R0-C Datasheet(PDF) 11 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 11 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 7Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 8Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 9Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 10Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 11Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 12Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 13Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 14Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 11
Figure 14 Power Sum of NEXT for pair 4 of connector only for 60% pin density configuration
Figure 15 ICR profile of NEXT for pair 4 of connector only for 60% pin density configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com