Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10HSI-S008-R0-C Datasheet(PDF) 26 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 26 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 22Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 23Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 24Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 25Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 26Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 27Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 28Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 29Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 30Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 26
Figure 41 RL profile for pair 8 of cascaded model of connector, vias and 152.4mm+152.4mm (6”+6”) PCB traces
3.2 Time-Domain Simulation
3.2.1 Impedance Profile (connector only)
The impedance profiles for center pair 8, right edge pair 10, top edge pair 14, and top corner
pair 15 of the fully populated model (connector only), as portrayed in Figure 42, are shown in
Figure 43 - Figure 46.
Figure 42 Differential pairs for fully populated model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com