Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10HSI-S008-R0-C Datasheet(PDF) 58 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 58 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 54Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 55Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 56Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 57Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 58Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 59Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 60Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 61Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 62Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 58
The total single-ended cross-talk values in % at 120ps (20% to 80%) rise time and 2.625GHz
bandwidth for port 15 is shown in Figure 96.
Figure 96 Single-ended cross-talk (in %) from simulations for port 15 and step input @ 120ps (20% to 80%) rise time and
2.625GHz BW
4.2.5 System Voltage and Timing Margins
To demonstrate the IT3’s performance for single-ended signals, we ran simulations for the
following setup:
Ideal voltage source with package via.
Center pin of IT3 connector with via transition in the 16th PCB routing layer.
152.4mm (6 inches) PCB trace from driver to IT3 connector, and 152.4mm (6 inches)
PCB trace from IT3 connector to receiver, including via transition to the receiver.
Note: Since the time steps used for the simulations were of 1ps, the timing jitter values have an
error margin of 1ps. The eye height is defined as the absolute maximum eye opening.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com