Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10HSI-S008-R0-C Datasheet(PDF) 49 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 49 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 45Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 46Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 47Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 48Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 49Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 50Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 51Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 52Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 53Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 49
transitions. All PCB traces coming out from the vias have been matched to 10.507mm. The results
at various frequencies of interest are summarized in Table 22.
Figure 79 and Figure 80 show the power sum of NEXT and FEXT for the cascaded model (vias
+ connector + vias) of the single-ended center port.
Figure 78 S-parameters for port 15 of cascaded vias+connector+vias transition with routing on layer 16
FREQUENCY
(GHZ)
INSERTION LOSS
(DB)
RETURN LOSS
(DB)
WORST PAIR-TO-PAIR
NEXT (DB)
WORST PAIR-TO-PAIR
FEXT (DB)
400
-0.217
-36.72
-28.47
-32.64
533
-0.269
-36.29
-27.33
-30.39
800
-0.364
-37.11
-28.22
-27.01
Table 22 Summary of S-parameters for port 15 of cascaded vias+connector+vias transition with routing on layer 16
Figure 79 Power Sum of NEXT for port 15 of vias+connector+vias transition with routing on layer 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com