Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10HSI-S008-R0-C Datasheet(PDF) 52 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 52 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 48Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 49Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 50Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 51Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 52Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 53Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 54Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 55Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 56Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 52
4.2 Time-Domain Simulation
4.2.1 Impedance Profile (connector only)
The impedance profiles for center port 15, right edge port 20, top edge port 29, and top corner
port 30, as portrayed in Figure 84, are shown in Figure 85, Figure 86, Figure 87 and Figure 88.
Figure 84 Single-ended pins for fully populated model
Figure 85 Impedance profile for center port 15 of IT3-32mm (connector only) @120ps rise time (20% to 80%) and 2.625GHz
BW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com