Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10HSI-S008-R0-C Datasheet(PDF) 54 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 54 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 50Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 51Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 52Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 53Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 54Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 55Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 56Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 57Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 58Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 54
Figure 88 Impedance profile for top corner port 30 of IT3-32mm (connector only) @120ps rise time (20% to 80%) and
2.625GHz BW
4.2.2 Impedance Profile (via + connector + via)
The impedance profiles for center port 15, right edge port 20, top edge port 29, and top corner
port 30 of the fully populated model (via + connector + via) as portrayed in Figure 84, are shown in
Figure 89, Figure 90, Figure 91 and Figure 92. The via model for center port 15 and right edge port
20 are routed on layer 16, and the top edge port 29 and top corner port 30 vias are routed on layer
19. Since the same differential via models were used for our single-ended model analysis, each via
will have additional coupling from an adjacent via with routing on the same layer.
Figure 89 Impedance profile for center port 15 of IT3-32mm (via+connector+via) with routing on layer 16 @120ps rise time
(20% to 80%) and 2.625GHz BW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com