Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10HSI-S008-R0-C Datasheet(PDF) 19 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 19 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 15Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 16Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 17Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 18Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 19Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 20Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 21Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 22Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 23Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 19
Figure 27 SDD for pair 8 of cascaded via+connector+via transition with routing on layer 16
FREQUENCY
(GHZ)
INSERTION LOSS
(DB)
RETURN LOSS
(DB)
WORST PAIR-TO-PAIR
NEXT (DB)
WORST PAIR-TO-PAIR
FEXT (DB)
1.25
-0.385
-32.44
-38.92
-43.54
1.5625
-0.477
-21.42
-40.57
-42.18
2.5
-0.732
-16.53
-38.61
-38.44
3.125
-0.757
-39.90
-31.23
-34.12
5
-1.283
-13.73
-40.09
-32.63
6.25
-2.216
-8.46
-27.94
-28.59
10
-3.245
-8.15
-38.03
-33.40
Table 5 Summary of SDD for pair 8 of cascaded via+connector+via transition with routing on layer 16
Figure 28 Power Sum of NEXT for pair 8 of via+connector+via transition with routing on layer 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com