Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10HSI-S008-R0-C Datasheet(PDF) 60 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 60 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 56Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 57Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 58Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 59Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 60Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 61Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 62Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 63Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 64Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 60
5. Measurement
5.1 Measurement Setup
To measure the connector’s performance directly we pre-characterized and de-embedded the
test boards to eliminate the effects of SMAs, traces and vias. The characterization boards were
designed to have minimal effect on the connector’s performance. The traces have controlled
impedance of 50
Ω and coplanar traces were used to minimize the crosstalk from trace to trace.
Please refer to the document IT3_Characterization_Board_v09.doc for more details about the
characterization board for IT3.
The measurement setup is shown in Figure 98.
Figure 98 Measurement setup
IT3-32mm was also tested in a 12” channel with 120mil FR408 board, mid-layer routing, and 8-
aggressor cross-talk, as shown in Figure 99. Please refer to the document IT3_demo_board_v2.doc
for more details about the demo board for IT3.
Figure 99 Demo board setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com