Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10HSI-S008-R0-C Datasheet(PDF) 29 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 29 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 25Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 26Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 27Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 28Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 29Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 30Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 31Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 32Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 33Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 29
Figure 48 Impedance profile for right edge pair 10 of IT3-32mm (vias+connector+vias) with routing on layer 16 @60ps rise time
(20% to 80%) and 5.25GHz BW, and @30ps rise time (20% to 80%) and 10.5GHz BW
Figure 49 Impedance profile for top edge pair 14 of IT3-32mm (vias+connector+vias) with routing on layer 28 @60ps rise time
(20% to 80%) and 5.25GHz BW, and @30ps rise time (20% to 80%) and 10.5GHz BW
Figure 50 Impedance profile for top corner pair 15 of IT3-32mm (vias+connector+vias) with routing on layer 19 @60ps rise time
(20% to 80%) and 5.25GHz BW, and @30ps rise time (20% to 80%) and 10.5GHz BW
3.2.3 TDR and TDT waveforms (connector only)
3.2.3.1 Fully populated pin assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com