Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10HSI-S008-R0-C Datasheet(PDF) 28 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 28 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 24Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 25Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 26Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 27Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 28Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 29Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 30Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 31Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 32Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 28
Figure 46 Impedance profile for top corner pair 15 of IT3-32mm (connector only) @60ps rise time (20% to 80%) and 5.25GHz
BW, and @30ps rise time (20% to 80%) and 10.5GHz BW
The receptacles show higher impedance in the connector-only TDR waveforms because IT3 was
designed intentionally with slightly higher impedance in the receptacle to offset the via’s (and via
stub’s) low impedance, as shown in the next section.
3.2.2 Impedance Profile (vias + connector + vias)
The impedance profiles for center pair 8, right edge pair 10, top edge pair 14, and top corner
pair 15 of the fully populated model (vias + connector + vias), as portrayed in Figure 42, are shown
in Figure 47, Figure 48, Figure 49 and Figure 50. The via models for center pair 8 and right edge
pair 10 are routed on layer 16, the top edge pair 14 vias are routed on layer 28 (short via stub), and
the vias for the top corner pair 15 are routed on layer 19.
Figure 47 Impedance profile for center pair 8 of IT3-32mm (vias+connector+vias) with routing on layer 16 @60ps rise time (20%
to 80%) and 5.25GHz BW, and @30ps rise time (20% to 80%) and 10.5GHz BW
Vias
Interposer
Vias
Receptacle
Receptacle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com