Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10HSI-S008-R0-C Datasheet(PDF) 10 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 10 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 6Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 7Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 8Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 9Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 10Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 11Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 12Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 13Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 10
3.1.1.2 60% density pin assignment
Figure 13 shows the corresponding SDD for pair 4 for 60% pin density configuration. The SDD
results are summarized in Table 3. Figure 14 - Figure 15 and Figure 16 - Figure 17 show the power
sum and ICR profile comparison with the IEEE 802.3ap spec for NEXT and FEXT, respectively.
Figure 12 60% density pin assignment
Figure 13 SDD for pair 4 (ports 7-8) of connector only for 60% pin density configuration
FREQUENCY
(GHZ)
INSERTION LOSS
(DB)
RETURN LOSS
(DB)
WORST PAIR-TO-PAIR
NEXT (DB)
WORST PAIR-TO-PAIR
FEXT (DB)
1.25
-0.170
-36.86
-71.99
-60.40
1.5625
-0.200
-31.65
-70.76
-57.66
2.5
-0.3020
-23.80
-53.87
-51.48
3.125
-0.364
-23.34
-51.51
-50.73
5
-0.539
-19.46
-48.32
-45.14
6.25
-0.724
-16.16
-43.15
-44.45
10
-1.062
-15.01
-43.22
-41.20
Table 3 Summary of SDD for pair 4 (ports 7-8) of connector only for 60% pin density configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com